Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB3218T331M Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LB3218T331M
Description  Wire-wound Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB3218T331M Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LB3218T331M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Wire-wound Chip Inductors (LB series)
LB3218T331M
Features
Item Summary
330μH(±20%), 65mA, 1207
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
1207/3218
Inductance
330μH(±20%)
Inductance Measuring Frequency
0.796MHz
Rated Current
65mA
DC Resistance (max)
9.1Ω
Avg. of DC.Resistance
7Ω
Self-resonant Frequency (min)
4MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
3.2mm ±0.2
W
1.8mm ±0.2
H
1.8mm ±0.2
e
0.6mm ±0.2
2015.03.23
1 / 1


Similar Part No. - LB3218T331M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
345Kb / 3P
Wire-wound Ferrite Inductors LLQB/LLQC/LLQE series for Medical Devices classified as GHTF Classes A or B (Japan Classes I or II)
2021/8/3
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
296Kb / 3P
Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LB3218T331M8 TAIYO-YUDEN-LB3218T331M8 Datasheet
294Kb / 3P
Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LB]
LB3218T331M8 TAIYO-YUDEN-LB3218T331M8 Datasheet
297Kb / 3P
Wire-wound Ferrite Inductors LMQB/LMQC/LMQE series for Medical Devices classified as GHTF Class C (Japan Class III)
2021/8/3
More results

Similar Description - LB3218T331M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
Wire-wound Chip Inductors
LB2016T680K TAIYO-YUDEN-LB2016T680K Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T680M TAIYO-YUDEN-LB2016T680M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com