Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC497 Datasheet(PDF) 2 Page - Protek Devices

Part # PLC497
Description  ULTRA LOW CAPACITANCE STEERING DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLC497 Datasheet(HTML) 2 Page - Protek Devices

  PLC497 Datasheet HTML 1Page - Protek Devices PLC497 Datasheet HTML 2Page - Protek Devices PLC497 Datasheet HTML 3Page - Protek Devices PLC497 Datasheet HTML 4Page - Protek Devices PLC497 Datasheet HTML 5Page - Protek Devices PLC497 Datasheet HTML 6Page - Protek Devices PLC497 Datasheet HTML 7Page - Protek Devices PLC497 Datasheet HTML 8Page - Protek Devices PLC497 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05100.R9 9/12
Page 2
PLC497
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
200
Watts
Peak Pulse Current - I
PP Max (tp = 8/20µs)
I
PP
20
Amps
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
(Note 1)
@ 1mA
V
(BR)
VOLTS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
(Note 1)
@ V
WM
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(Note 1)
(Fig. 2)
@ 8/20µs
V
C @ IPP
MAXIMUM
WORKING
INVERSE
BLOCKING
VOLTAGE
(Note 2)
V
WIB
VOLTS
INVERSE
BLOCKING
LEAKAGE
CURRENT
(Note 2)
@V
WIB
I
R
µA
MAXIMUM
CAPACITANCE
(Note 3)
@0V, 1MHz
C
pF
PLC497
LC
1.0
1.3
20
5.0V @ 5.0A
75
1.0
2.5
NOTES
1. Apply positive voltage from pin 2 to pin 1.
2. Apply positive voltage from pin 1 to pin 2.
3. Capacitance from pin 1 to pin 2 < 2.5pF.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com