Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN2NF10 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # STN2NF10
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

STN2NF10 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  STN2NF10 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd STN2NF10 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd STN2NF10 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd STN2NF10 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd STN2NF10 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel MOSFET
STN2NF10 (KTN2NF10)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
100
V
VDS=100V, VGS=0V
1
VDS=100V, VGS=0V, TC=125℃
10
VDS=30V, VGS=0V, TC=125℃
1
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
2
4
V
Static Drain-Source On-Resistance
RDS(On)
VGS=10V, ID=1.2A
230
260
mΩ
Forward Transconductance
gFS
VDS=15V, ID=1.2A
2.5
S
Input Capacitance
Ciss
280
Output Capacitance
Coss
45
Reverse Transfer Capacitance
Crss
20
Total Gate Charge
Qg
10
14
Gate Source Charge
Qgs
2.5
Gate Drain Charge
Qgd
4
Turn-On DelayTime
td(on)
6
Turn-On Rise Time
tr
10
Turn-Off DelayTime
td(off)
20
Turn-Off Fall Time
tf
3
Body Diode Reverse Recovery Time
trr
70
Body Diode Reverse Recovery Charge
Qrr
175
nC
Reverse recovery current
IRRM
5
Maximum Body-Diode Continuous Current
IS
2.4
Source-drain current (pulsed)
ISM
17
Diode Forward Voltage (Note.1)
VSD
IS=2.4A,VGS=0V
1.2
V
ns
Zero Gate Voltage Drain Current
IDSS
uA
VGS=10V, VDS=50V, ID=2.4A,RG=4.7Ω
IF= 6A, VDD=10V, dI/dt= 100A/μs
A
VGS=0V, VDS=25V, f=1MHz
VGS=10V, VDS=80V, ID=6A
pF
nC
Note.1: Pulsed: pulse duration = 300μs, duty cycle 1.5%
■
Marking
Marking
N2NF10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com