Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2776 Datasheet(PDF) 2 Page - NEC

Part # UPC2776
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2776 Datasheet(HTML) 2 Page - NEC

  UPC2776 Datasheet HTML 1Page - NEC UPC2776 Datasheet HTML 2Page - NEC UPC2776 Datasheet HTML 3Page - NEC UPC2776 Datasheet HTML 4Page - NEC UPC2776 Datasheet HTML 5Page - NEC UPC2776 Datasheet HTML 6Page - NEC UPC2776 Datasheet HTML 7Page - NEC UPC2776 Datasheet HTML 8Page - NEC UPC2776 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
µµµµPC2776TB
6
1
4
3
5
2
PIN CONNECTIONS
PRODUCT LINE-UP OF
µµµµPC2776 (TA = +25 °C, VCC = Vout = 5.0 V, ZL = ZS = 50 Ω
Ω
Ω
Ω)
PART NO.
fu
(GHz)
PO (1dB)
(dBm)
PO (sat)
(dBm)
GP
(dB)
NF
(dB)
ICC
(mA)
PACKAGE
MARKING
µPC2776T
6-pin minimold
µPC2776TB
6-pin super minimold
Remarks Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
Notice The package size distinguishes between minimold and super minimold.
Selection point among product line-up
µPC2709TB: Suits to 1 GHz 2.5 GHz operation due to small inductance (e.g. 10 nH) between VCC and output pin.
µPC2776TB: Suits to HF to 2.0 GHz operation due to large inductance (e.g. 100 nH) between VCC and output pin.
PIN FUNCTIONS
PIN.
SYMBOL
APPLIED
VOLTAGE
(V)
DESCRIPTION
EQUIVALENT CIRCUIT
1
INPUT
−
High-frequency signal input pin. A in-
ternal matching circuit, configured with
resistors, enables 50
Ω connection over
a wide band. A multi-feedback circuit is
designed to cancel the deviations of hFE
and resistance.
2
3
5
GND
0
Ground pin. Form a ground pattern as
wide as possible to maintain the mini-
mum ground impedance.
4
OUTPUT
4.5 to 5.5
High-frequency signal output pin.
Connect an inductor between this pin
and VCC to supply current to the internal
output transistors.
6VCC
Power supply pin, which biases the in-
ternal input transistor.
Excellent RF characteristics are ob-
tained by a two-stage amplifier circuit.
To know the associated products, please refer to each latest data sheet.
25
6
23
+8.5
+6.5
C2L
2.7
(Top View)
3
2
1
4
5
6
(Bottom View)
4
5
6
3
2
1
Pin NO.
Pin name
1
INPUT
2GND
3GND
4OUTPUT
5GND
6VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com