Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2794GS Datasheet(PDF) 8 Page - NEC

Part # UPC2794GS
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2794GS Datasheet(HTML) 8 Page - NEC

Back Button UPC2794GS Datasheet HTML 4Page - NEC UPC2794GS Datasheet HTML 5Page - NEC UPC2794GS Datasheet HTML 6Page - NEC UPC2794GS Datasheet HTML 7Page - NEC UPC2794GS Datasheet HTML 8Page - NEC UPC2794GS Datasheet HTML 9Page - NEC UPC2794GS Datasheet HTML 10Page - NEC UPC2794GS Datasheet HTML 11Page - NEC UPC2794GS Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
µPC2794GS
8
Data Sheet P11888EJ3V0DS00
STANDARD CHARACTERISTICS (by application circuit example)
CG, NF vs. fRF
fRF - Input Frequency - MHz
0
0
VCC = 9 V
fIF = 45 MHz
PRF = –30 dBm
10
20
30
40
200
400
600
800
1 000
Pout vs. Pin
Pin - Input Power - dBm
–20
–40
VCC = 9 V
fIF = 45 MHz
–10
0
10
20
–30
–20
–10
0
10
fRF = 802 MHz
fRF = 362 MHz
CM vs. fRF
fRF - Input Frequency - MHz
80
0
VCC = 9 V
fundes = fRF + 6 MHz
fIF = 45 MHz
PRF = –30 dBm
90
100
110
200
400
600
800
1 000
6 Channel Beat
Pin - Input Power - dBm
–70
–40
VCC = 9 V
fP = 83.25 MHz
fS = 87.75 MHz
fOSC = 129 MHz
20
–30
–20
–10
0
Vtu vs. fOSC
0
0
10
20
30
200
400
600
800
1 000
5
15
25
U
VL
VH
fOSC - OSC Frequency - MHz
VCC = 9 V
fIF = 45 MHz
10
0
–10
–20
–30
–40
–50
–60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com