Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2795 Datasheet(PDF) 2 Page - NEC

Part # UPC2795
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2795 Datasheet(HTML) 2 Page - NEC

  UPC2795 Datasheet HTML 1Page - NEC UPC2795 Datasheet HTML 2Page - NEC UPC2795 Datasheet HTML 3Page - NEC UPC2795 Datasheet HTML 4Page - NEC UPC2795 Datasheet HTML 5Page - NEC UPC2795 Datasheet HTML 6Page - NEC UPC2795 Datasheet HTML 7Page - NEC UPC2795 Datasheet HTML 8Page - NEC UPC2795 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
µµµµPC2795GV
PIN EXPLANATIONS
Pin
NO.
Symbol
Pin Volt
(V, TYP.)
Explanation
Equivalent Circuit
1
RF IN
2.1
RF signal input pin.
Double balanced mixer with Tr.1
and Tr. 2.
2
GND
0.0
Ground pin.
3VCC
5.0
Power supply pin.
4
IF OUT
2.3
IF output pin.
This pin is assigned for the emitter
follower output with low impedance.
5OSC
Base 2
2.8
Base pin of oscillator with balanced
amplifier.
Connected to LC resonator through
cuppling capacitor.
6OSC
Collector 1
5.0
Collector pin of oscillator with
balanced amplifier.
Assemble LC resonator with 5 pin
through capacitor to oscillate with
active feedback loop. Loads should
be connected to this pin.
7OSC
Collector 2
5.0
Collector pin of oscillator with
balanced amplifier.
Assemble LC resonator with 8 pin
through capacitor to oscillate with
active feedback loop. Loads should
be connected to this pin.
8OSC
Base 1
2.8
Base pin of oscillator with balanced
amplifier.
Connected to LC resonator through
cuppling capacitor.
Vcc
IF
Lo Buffer
1
Vcc
4
8
6
7
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com