Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2071 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AP2071
Description  High Current (8A) white LEDs driver for Flash with I2C
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2071 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AP2071 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 11Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 12Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 13Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 14Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 15Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 16Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
[AP2071AEN]
MS1607-E-00
- 13 -
2014/03
(2) Torching sequence (Formula (2): In the case of VSET > VIN* 1.07 > VF +0.5V)
Figure 7. Torch Mode Sequence (Formula(2))
(1) The power must be supplied when the EN pin = “L”. After the power is supplied (VIN≥2.5V), the EN
pin can be set from “L” to “H”. In this case, the EN pin should be held to “L” longer than 300ns to reset
the AP2071AEN.
(2) Set registers 1ms after the EN pin is set from “L” to “H”.
(3) LEDs can be driven if the output voltage (VOUT) reaches VSET voltage.
LED current reaches the setting current within 80us.
(4) The internal DC-DC boosting circuit is not in operation while VOUT > VIN.
(5) The internal DC-DC boosting circuit starts operation when VOUT = VIN*1.07.
(6) The LED current becomes 0mA when the CHARGE pin is “L” and CHAR bit= “0”, or setting TORCH
bit to “0”.
CHARGE pin= “H” or CHAR bit= “1”: The AP2071AEN starts charging to an external EDLC.
CHARGE pin= “L” and CHAR bit= “0”: The AP2071AEN does not charge to an external EDLC.
Power Supply
(VIN)
EN pin
Resister
Setting
(1)
(2)
Inductor
Current
Set
VOUT
Vset
CHARGE pin
or CHAR bit
VF+0.5V
TORCH bit
LED Current
(3)
Vset*0.99
(3)
(4)
(5)
(6)
(4)
(5)
VIN
VIN*1.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com