Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M79C Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M79C
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M79C Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M79C Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M79C Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M79C Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V3
M79 / M79C
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 5 TO 18 GHz
• RF 7 TO 18 GHz
• IF DC TO 3000 MHz
• LO DRIVE: +10 dBm (NOMINAL)
• WIDE BANDWIDTH
• LOW NOISE FIGURE
Description
The M79 is a double balanced mixer, designed for use in military,
commercial and test equipment applications. This mixer can also
be used as a phase detector or bi-phase modulator since the IF
port is DC coupled to the diodes. Environmental screening avail-
able to MIL-STD-202, and MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M79
Minpac
M79C
SMA Connectorized
Electrical Specifications: Z0 = 50Ω Lo = +10 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR = 7 to 16 GHz, fL = 6 to 17 GHz, fI = 30 to 1000 MHz
fR = 7 to 16 GHz, fL = 5 to 18 GHz, fI = 30 to 2000 MHz
fR = 8 to 16 GHz, fL = 5 to 16 GHz, fI = 30 to 3000 MHz
fR = 16 to 18 GHz, fL = 13 to 18 GHz, fI = 30 to 3000 MHz
dB
dB
dB
dB
5.7
6.0
6.0
7.0
7.5
8.0
8.0
9.0
8.0
8.5
8.5
9.5
Isolation, L to R (min)
fL = 5 to 14 GHz
fL = 14 to 18 GHz
dB
dB
35
33
22
15
20
13
Isolation, L to I (min)
fL = 5 to 8 GHz
fL = 8 to 18 GHz
dB
dB
34
24
22
12
20
10
1 dB Conversion Comp.
fL = +10 dBm
dBm
+4
Input IP3
fR1=13 GHz at –6 dBm,fR2=13.01GHz at –6 dBm,
fL = 14 GHz at = 10 dBm
dBm
+14
Product Image


Similar Part No. - M79C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M79C MACOM-M79C Datasheet
484Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M79C MA-COM-M79C Datasheet
1Mb / 3P
Double-Balanced Mixer
M79C MA-COM-M79C Datasheet
1Mb / 3P
Double-Balanced Mixer
M79C MA-COM-M79C Datasheet
652Kb / 4P
Double-Balanced Mixer
More results

Similar Description - M79C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com