Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2807A Datasheet(PDF) 1 Page - NEC

Part # UPC2807A
Description  PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2807A Datasheet(HTML) 1 Page - NEC

  UPC2807A Datasheet HTML 1Page - NEC UPC2807A Datasheet HTML 2Page - NEC UPC2807A Datasheet HTML 3Page - NEC UPC2807A Datasheet HTML 4Page - NEC UPC2807A Datasheet HTML 5Page - NEC UPC2807A Datasheet HTML 6Page - NEC UPC2807A Datasheet HTML 7Page - NEC UPC2807A Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998, 2000
BiCMOS INTEGRATED CIRCUIT
µµµµ PC2807,2807A
PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
DATA SHEET
Document No. S13198EJ1V0DS00 (1st edition)
Date Published May 2000 NS CP (K)
Printed in Japan
The mark 5 shows major revised points.
DESCRIPTION
The
µ PC2807 and 2807A are semiconductors integrated circuit developed as preamplifiers for the receiver module of
infrared remote controllers. These preamplifiers can be directly connected to a PIN photodiode, and integrate a high-gain
first stage amplifier, limiter, bandpass filter, detector circuit, and waveform-shaping circuit on a single chip.
FEATURES
• Only PIN photodiode required as an external component.
• Following carrier frequencies (fO) selectable (five types):
µ PC2807 : fO = 32.7, 36.0, 36.7, 37.9 kHz
µ PC2807A : fO = 40.0 kHz
• Fixed trap frequency
fT
= 54 kHz
• Active-low output
• Supplied in form of wafer
APPLICATION
• Receiver module of infrared remote controller
ORDERING INFORMATION
Part Number
Condition in shipment
µ PC2807W
Wafer
µ PC2807AW
Wafer
Contact an NEC sales representative in advance since a memorandum on product quality need to be prepared for
shipment in the form of wafer.


Similar Part No. - UPC2807A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2807AW RENESAS-UPC2807AW Datasheet
183Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC2807A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
Oct-1997
logo
Daewoo Semiconductor
DBL2055 DAEWOO-DBL2055 Datasheet
405Kb / 7P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
Hynix Semiconductor
GL3277 HYNIX-GL3277 Datasheet
31Kb / 3P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
AUK corp
SL2055 AUK-SL2055 Datasheet
220Kb / 8P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
Seiko Instruments Inc
S-8270A SII-S-8270A Datasheet
323Kb / 6P
RECEIVER IC FOR INFRARED REMOTE CONTROLLER
logo
LG Semicon Co.,Ltd.
GL3274 LG-GL3274 Datasheet
305Kb / 8P
Preamplifier for Remote Control Use
logo
Sanyo Semicon Device
SPS-400 SANYO-SPS-400 Datasheet
109Kb / 1P
Receiver Preamp Modules for Infrared Remote Controller
logo
List of Unclassifed Man...
HL3279 ETC1-HL3279 Datasheet
182Kb / 6P
PREAMPLIFIER FOR REMOTE CONTROL USE
HL3280 ETC1-HL3280 Datasheet
60Kb / 6P
PREAMPLIFIER FOR REMOTE CONTROL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com