Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2900 Datasheet(PDF) 2 Page - NEC

Part # UPC2900
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2900 Datasheet(HTML) 2 Page - NEC

  UPC2900 Datasheet HTML 1Page - NEC UPC2900 Datasheet HTML 2Page - NEC UPC2900 Datasheet HTML 3Page - NEC UPC2900 Datasheet HTML 4Page - NEC UPC2900 Datasheet HTML 5Page - NEC UPC2900 Datasheet HTML 6Page - NEC UPC2900 Datasheet HTML 7Page - NEC UPC2900 Datasheet HTML 8Page - NEC UPC2900 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
µPC2900 Series
2
BLOCK DIAGRAM
ORDERING INFORMATION
Part Number
Package
Output Voltage
µPC2903HF
MP-45G (Isolated TO-220)
3.0 V
µPC2903HB
MP-3 (SC-64)
3.0 V
µPC2903T
MP-3Z (SC-63)
3.0 V
µPC2933HF
MP-45G (Isolated TO-220)
3.3 V
µPC2933HB
MP-3 (SC-64)
3.3 V
µPC2933T
MP-3Z (SC-63)
3.3 V
µPC2905HF
MP-45G (Isolated TO-220)
5.0 V
µPC2905HB
MP-3 (SC-64)
5.0 V
µPC2905T
MP-3Z (SC-63)
5.0 V
µPC2906HF
MP-45G (Isolated TO-220)
6.0 V
µPC2906HB
MP-3 (SC-64)
6.0 V
µPC2906T
MP-3Z (SC-63)
6.0 V
µPC2907HF
MP-45G (Isolated TO-220)
7.0 V
µPC2907HB
MP-3 (SC-64)
7.0 V
µPC2907T
MP-3Z (SC-63)
7.0 V
µPC2908HF
MP-45G (Isolated TO-220)
8.0 V
µPC2908HB
MP-3 (SC-64)
8.0 V
µPC2908T
MP-3Z (SC-63)
8.0 V
µPC2909HF
MP-45G (Isolated TO-220)
9.0 V
µPC2909HB
MP-3 (SC-64)
9.0 V
µPC2909T
MP-3Z (SC-63)
9.0 V
µPC2910HF
MP-45G (Isolated TO-220)
10.0 V
µPC2910HB
MP-3 (SC-64)
10.0 V
µPC2910T
MP3Z (SC-63)
10.0 V
µPC2912HF
MP-45G (Isolated TO-220)
12.0 V
µPC2912HB
MP-3 (SC-64)
12.0 V
µPC2912T
MP-3Z (SC-63)
12.0 V
Start-up
circuit
Reference
voltage
Thermal
shut down
Error
amp.
Drive
circuit
Saturation
protection
Safe operating
area protection
OUTPUT
GND
INPUT
Over current
protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com