Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP9520CS Datasheet(PDF) 4 Page - Intersil Corporation

Part # HSP9520CS
Description  Multilevel Pipeline Registers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP9520CS Datasheet(HTML) 4 Page - Intersil Corporation

  HSP9520CS Datasheet HTML 1Page - Intersil Corporation HSP9520CS Datasheet HTML 2Page - Intersil Corporation HSP9520CS Datasheet HTML 3Page - Intersil Corporation HSP9520CS Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Timing Waveform
tPW
tS
tH
tPW
tH
tS
tPD
tSELD
tDIS
tENA
1.5V
1.7V
1.3V
(HIGH IMPEDANCE)
OE
THREE STATE
CONTROL
THREE STATE
OUTPUT
(Y0 - Y7)
OUT
(Y0 - Y7)
MUX SEL
(S0 - S1)
DATA
(S0 - D7)
INST
(I0 - I1)
CLOCK
(CLK)
TABLE 1. INSTRUCTION CONTROL
I1
I0
HSP9520
HSP9521
00
01
10
1
1
All Registers Hold
All Registers Hold
A1
A2
B1
B2
A1
A2
B1
B2
A1
A2
B1
B2
A1
A2
B1
B2
A1
A2
B1
B2
A1
A2
B1
B2
TABLE 2. REGISTER SELECT
S1
S0
HSP9520 OR HSP9521
00
B2
01
B1
10
A2
11
A1
HSP9520, HSP9521



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com