Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9332L Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9332L
Description  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9332L Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9332L Datasheet HTML 7Page - Renesas Technology Corp PS9332L Datasheet HTML 8Page - Renesas Technology Corp PS9332L Datasheet HTML 9Page - Renesas Technology Corp PS9332L Datasheet HTML 10Page - Renesas Technology Corp PS9332L Datasheet HTML 11Page - Renesas Technology Corp PS9332L Datasheet HTML 12Page - Renesas Technology Corp PS9332L Datasheet HTML 13Page - Renesas Technology Corp PS9332L Datasheet HTML 14Page - Renesas Technology Corp PS9332L Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PS9332L, PS9332L2
Chapter Title
R08DS0105EJ0100 Rev.1.00
Page 11 of 18
Sep 06, 2013
OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
Supply Voltage VCC – VEE (V)
0
5
10
15
20
14
12
10
8
6
4
2
0
UVLOHYS
VUVLO+
VUVLO-
(12.4 V)
(11.2 V)
Load Resistance Rg (
Ω)
20
40
30
010
50
8
7
0
1
3
2
5
4
6
POWER CONSUMPTION PER CYCLE
vs. LOAD RESISTANCE
Qg = 1 000 nC
Qg = 100 nC
Qg = 500 nC
Clamp Pin Threshold Voltage VCLAMP (V)
CLAMP OUTPUT PEAK CURRENT vs.
CLAMP PIN THRESHOLD VOLTAGE
Ambient Temperature TA (
°C)
1.0
2.0
1.5
0.5
2.5
2.0
0.0
1.0
0.5
1.5
CLMAP OUTPUT PEAK CURRENT vs.
AMBIENT TEMPERATURE
0.0
Ambient Temperature TA (
°C)
CLAMP PIN THRESHOLD VOLTAGE
vs. AMBIENT TEMPERATURE
4.5
1.5
2.0
2.5
3.0
3.5
4.0
3.0
0.0
0.5
1.0
1.5
2.0
2.5
-25
0
25
50
100
75
-50
125
150
-25
0
25
50
100
75
-50
125
150
VCC = 30 V, VEE = GND,
IF = 0 mA
VCC = 30 V, VEE = GND,
IF = 10 mA, fsw = 10 kHz
VCC = 30 V, VEE = GND,
IF = 0 mA
VCC = 30 V, VEE = GND,
IF = 0 mA, VCLAMP = 2.5 V
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com