Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2807AW Datasheet(PDF) 2 Page - NEC

Part # UPC2807AW
Description  PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2807AW Datasheet(HTML) 2 Page - NEC

  UPC2807AW Datasheet HTML 1Page - NEC UPC2807AW Datasheet HTML 2Page - NEC UPC2807AW Datasheet HTML 3Page - NEC UPC2807AW Datasheet HTML 4Page - NEC UPC2807AW Datasheet HTML 5Page - NEC UPC2807AW Datasheet HTML 6Page - NEC UPC2807AW Datasheet HTML 7Page - NEC UPC2807AW Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet S13198EJ1V0DS00
2
µµµµ PC2807, 2807A
BLOCK DIAGRAM
6
13
12
11
10
TRAP
skip
First-stage
amplifier
4
Waveform-shaping
circuit
2
Limiter
amplifier
Trimming
circuit
1
fO setting
8
7
3
GND1
GND2
PAD6
PAD3
PAD4
PAD5
9
5
OUT
S3
S2
PAD1
IN
S1
TRAP
BPF
VCC
Detector
22 k
I/V
ABLC
Carrier
elimination



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com