Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ360 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ360
Description  P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ360 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ360_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ360_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SJ360_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SJ360_15 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2SJ360_15 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel MOSFET
2SJ360
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-10mA, VGS=0V
-60
V
Zero Gate Voltage Drain Current
IDSS
VDS=-60V, VGS=0V
-100
uA
Gate-Body leakage current
IGSS
VDS=0V, VGS=±16V
±
10
uA
Gate Threshold Voltage
VGS(th)
VDS=-10V,ID=-1mA
-0.8
-2
V
VGS=-4V, ID=-0.5A
1.2
VGS=-10V, ID=-0.5A
0.73
Forward Transconductance
gFS
VDS=-10V, ID=-0.5A
0.5
1
S
Input Capacitance
Ciss
155
Output Capacitance
Coss
22
Reverse Transfer Capacitance
Crss
75
Total Gate Charge
Qg
6.5
Gate Source Charge
Qgs
4.5
Gate Drain Charge
Qgd
2
Turn-On DelayTime
td(on)
20
Turn-On Rise Time
tr
17
Turn-Off DelayTime
td(off)
100
Turn-Off Fall Time
tf
20
Body Diode Reverse Recovery Time
trr
50
Body Diode Reverse Recovery Charge
Qrr
45
nC
Continuous drain reverse current
IDR
-1
Pulse drain reverse current
IDRP
-4
Diode Forward Voltage
VSD
IDR=-1A,VGS=0V
-1.8
V
pF
IF=-1A, VGS=0, dI/dt=50A/μs
A
Static Drain-Source On-Resistance
RDS(On)
Ω
VGS=0V, VDS=-10V, f=1MHz
VGS=-10V, VDS=-48V, ID=-1A
nC
ns
VGS
0V
−
10V
ID −0.5A
VDD ≒ −30V
RL 60Ω
VOUT
Duty ≦1%, tw 10µs
≤
≈
■
Marking
Marking
Z*8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com