Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMIR Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # ASMIR
Description  Motive format alignment AccuDrive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ASMIR Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  ASMIR Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG ASMIR Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Components
www.baumer.com/motion
2
ASMIR
Part number
ASMIR.
Design
A01 Power tool with 230 VAC charger
in plastic case
A02 Power tool with 110 VAC charger
in plastic case
Power tool with infrared interface
Motive format alignment AccuDrive
Power tool with infrared interface
In plastic case
Charger with two power packs
Drill bit:
1/4 inch external hexagon head with
output 1/4 inch external square head
-
-
-
-
Scope of delivery
AccuDrive is an economical system for mobile, motive 
format alignment. By AccuDrive shaft positioning to the 
desired format is quick, accurate and less fussy hand crank 
operations. The electrically commutated professional power 
tool ASMIR serves as mobile actuator that communicates 
with N 153 and N 143 spindle position displays by infrared 
interface where it gets information from relating to position-
ing direction (clockwise/ counterclockwise) and the signals 
for high speed gear, inching and stop.
The user is guided by two status LEDs (red and green) 
provided at the spindle position displays that also optionally 
indicate current status and order of positioning.
Description



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com