Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC305C Datasheet(PDF) 7 Page - NEC

Part # UPC305C
Description  POSITIVE VOLTAGE STABILIZED POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC305C Datasheet(HTML) 7 Page - NEC

  UPC305C Datasheet HTML 1Page - NEC UPC305C Datasheet HTML 2Page - NEC UPC305C Datasheet HTML 3Page - NEC UPC305C Datasheet HTML 4Page - NEC UPC305C Datasheet HTML 5Page - NEC UPC305C Datasheet HTML 6Page - NEC UPC305C Datasheet HTML 7Page - NEC UPC305C Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet G10633EJ3V0DS00
7
µµµµPC305
RECOMMENDED SOLDERING CONDITIONS
Solder this product under the following recommended conditions.
For details of the recommended soldering conditions, refer to information document Semiconductor Device
Mounting Technology Manual (C10535E).
For soldering methods and conditions other than those recommended, consult NEC.
Surface Mount Type
µµµµPC305G2: 8-pin plastic SOP (5.72 mm (225))
Soldering Method
Soldering Conditions
Recommended
Conditions Symbol
Infrared reflow
Package peak temperature: 230
°C, Time: 30 sec max. (210°C min.),
Number of times: once
IR30-00-1
VPS
Package peak temperature: 215
°C, Time: 40 sec max. (200°C min.),
Number of times: once
VP15-00-1
Wave soldering
Solder bath temperature: 260
°C max., Time: 10 sec max., Number of times: once,
Preheating temperature: 120
°C max. (Package surface temperature)
WS60-00-1
Caution Do not use two or more soldering methods in combination (except partial heating).
Through Hole type
µµµµPC305C: 8-pin plastic DIP (7.62 mm (300))
Soldering Method
Soldering Conditions
Recommended
Conditions Symbol
Wave soldering
Solder bath temperature: 260
°C max., Time: 10 sec max.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com