Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9317L2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS9317L2
Description  HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9317L2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS9317L2 Datasheet HTML 1Page - Renesas Technology Corp PS9317L2 Datasheet HTML 2Page - Renesas Technology Corp PS9317L2 Datasheet HTML 3Page - Renesas Technology Corp PS9317L2 Datasheet HTML 4Page - Renesas Technology Corp PS9317L2 Datasheet HTML 5Page - Renesas Technology Corp PS9317L2 Datasheet HTML 6Page - Renesas Technology Corp PS9317L2 Datasheet HTML 7Page - Renesas Technology Corp PS9317L2 Datasheet HTML 8Page - Renesas Technology Corp PS9317L2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Data Sheet PN10690EJ04V0DS
2
PS9317L,PS9317L2
PACKAGE DIMENSIONS (UNIT: mm)
Lead Bending Type (Gull-wing) For Surface Mount
9.7±0.3
0.8±0.25
7.62
4.58±0.3
(0.82)
PS9317L
0.4±0.1
0.25 M
1.27
Lead Bending Type For Long Creepage Distance (Gull-wing) For Surface Mount
PS9317L2
11.5±0.3
4.58±0.3
0.75±0.25
(0.82)
7.62
0.4±0.1
0.25 M
1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com