Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9506L2 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PS9506L2
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9506L2 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PS9506L2 Datasheet HTML 9Page - Renesas Technology Corp PS9506L2 Datasheet HTML 10Page - Renesas Technology Corp PS9506L2 Datasheet HTML 11Page - Renesas Technology Corp PS9506L2 Datasheet HTML 12Page - Renesas Technology Corp PS9506L2 Datasheet HTML 13Page - Renesas Technology Corp PS9506L2 Datasheet HTML 14Page - Renesas Technology Corp PS9506L2 Datasheet HTML 15Page - Renesas Technology Corp PS9506L2 Datasheet HTML 16Page - Renesas Technology Corp PS9506L2 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Preliminary document
PS9506,PS9506L1,PS9506L2,PS9506L3
Chapter Title
R08DS0018EJ0100 Rev.1.00
Page 13 of 20
Nov 10, 2011
0
50
100
VCC = 30 V, IF = 10 mA, Cg = 3 nF,
f = 10 kHz, Duty cycle = 50%
tPHL
tPLH
0
400
350
300
250
200
150
100
50
0
50
100
0
400
350
300
250
200
150
100
50
0
VCC = 30 V, IF = 10 mA,
Rg = 47
Ω, f = 10 kHz,
Duty cycle = 50%
tPHL
tPLH
15
20
30
25
10
400
350
300
250
200
150
100
50
0
IF = 10 mA, Rg = 47
Ω, Cg = 3 nF,
f = 10 kHz, Duty cycle = 50%
tPHL
tPLH
10
25
20
0
VCC = 30 V, Rg = 47
Ω, Cg = 3 nF,
f = 10 kHz, Duty cycle = 50%
400
350
300
250
200
150
100
50
0
tPHL
tPLH
400
350
300
250
200
150
100
50
0
VCC = 30 V, IF = 10 mA,
Rg = 47
Ω, Cg = 3 nF,
f = 10 kHz, Duty cycle = 50%
–25
25
50
75
125
100
–50
0
tPHL
tPLH
PWD
10
15
30
25
VO = OPEN
20
3
2.5
2
1.5
1
0.5
0
ICCH (IF = 10 mA)
ICCL (IF = 0 mA)
Ambient Temperature TA (
°C)
Supply Voltage VCC (V)
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Supply Voltage VCC (V)
PROPAGATION DELAY TIME vs.
SUPPLY VOLTAGE
Forward Current IF (mA)
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
Load Capacitance Cg (nF)
PROPAGATION DELAY TIME vs.
LOAD CAPACITANCE
PROPAGATION DELAY TIME
vs. LOAD RESISTANCE
Load Resistance Rg (
Ω)
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com