Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9513 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS9513
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9513 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS9513 Datasheet HTML 1Page - Renesas Technology Corp PS9513 Datasheet HTML 2Page - Renesas Technology Corp PS9513 Datasheet HTML 3Page - Renesas Technology Corp PS9513 Datasheet HTML 4Page - Renesas Technology Corp PS9513 Datasheet HTML 5Page - Renesas Technology Corp PS9513 Datasheet HTML 6Page - Renesas Technology Corp PS9513 Datasheet HTML 7Page - Renesas Technology Corp PS9513 Datasheet HTML 8Page - Renesas Technology Corp PS9513 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Data Sheet PN10679EJ03V0DS
2
PS9513,PS9513L1,PS9513L2 PS9513L3
PACKAGE DIMENSIONS (UNIT: mm)
DIP Type
PS9513
9.25
+0.5
–0.25
6.5
+0.5
–0.1
0 to 15
°
7.62
2.54
1.01
+0.4
–0.2
0.5±0.15
0.84±0.15
0.25 M
Lead Bending Type (Gull-wing) For Surface Mount
PS9513L3
6.5
+0.5
–0.1
9.65
±0.4
0.74±0.25
2.54
1.01
+0.4
–0.2
9.25
+0.5
–0.25
0.5±0.15
0.25 M
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com