Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3206GR Datasheet(PDF) 21 Page - NEC

Part # UPC3206GR
Description  50dB AGC AMP VIDEO AMP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3206GR Datasheet(HTML) 21 Page - NEC

Back Button UPC3206GR Datasheet HTML 17Page - NEC UPC3206GR Datasheet HTML 18Page - NEC UPC3206GR Datasheet HTML 19Page - NEC UPC3206GR Datasheet HTML 20Page - NEC UPC3206GR Datasheet HTML 21Page - NEC UPC3206GR Datasheet HTML 22Page - NEC UPC3206GR Datasheet HTML 23Page - NEC UPC3206GR Datasheet HTML 24Page - NEC UPC3206GR Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet P13710EJ3V0DS00
21
µµµµPC3206GR
THERMAL CHARACTERISTICS (FOR REFERENCE)
450
400
350
300
250
200
150
100
50
0
0
50
100
150
200
Input Frequency fin (MHz)
DIFFERENTIAL GAIN vs. INPUT FREQUENCY
250
VCC2 = 9 V
fin = 100 MHz
RL = 1 k
Ω
G1A-G1B
= SHORT
measurement
circuit4
TA = -40
°C
TA = +25
°C
TA = +85
°C
50
40
30
20
10
0
-10
-20
-30
0
1
2
345
AGC Voltage VAGC (V)
GAIN vs. AGC VOLTAGE
6
VCC1 = 5 V
fin = 100 MHz
RL = 560
Ω
measurement
circuit2
TA = -40
°C
TA = +25
°C
TA = +85
°C
250
200
150
100
50
0
0
50
100
150
200
Input Frequency fin (MHz)
DIFFERENTIAL GAIN vs. INPUT FREQUENCY
250
VCC2 = 5 V
fin = 100 MHz
RL = 1 k
Ω
G1A-G1B
= SHORT
measurement
circuit4
TA = -40
°C
TA = +25
°C
TA = +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com