Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7129RCPL Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL7129RCPL
Description  41/2 Digit LCD, Single-Chip A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7129RCPL Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL7129RCPL Datasheet HTML 3Page - Intersil Corporation ICL7129RCPL Datasheet HTML 4Page - Intersil Corporation ICL7129RCPL Datasheet HTML 5Page - Intersil Corporation ICL7129RCPL Datasheet HTML 6Page - Intersil Corporation ICL7129RCPL Datasheet HTML 7Page - Intersil Corporation ICL7129RCPL Datasheet HTML 8Page - Intersil Corporation ICL7129RCPL Datasheet HTML 9Page - Intersil Corporation ICL7129RCPL Datasheet HTML 10Page - Intersil Corporation ICL7129RCPL Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3-38
Display Temperature Compensation
For most applications an adequate display can be obtained by
connecting VDlSP (pin 19) to DGND (pin 36). In applications
where a wide temperature range is encountered, the voltage
drive levels for some triplexed liquid crystal displays may need
to vary with temperature in order to maintain good display
contrast and viewing angle. The amount of temperature
compensation will depend upon the type of liquid crystal used.
Display manufacturers can supply the temperature compen-
sation requirements for their displays. Figure 11 shows two
circuits that can be adjusted to give a temperature compensa-
tion of
≈ +10mV/oC between V+ and VDISP. The diode
between DGND and VDISP should have a low turn-on voltage
to assure that no forward current is injected into the chip if
VDISP is more negative than DGND.
Component Selection
There are only three passive components around the
ICL7129 that need special consideration in selection. They
are the reference capacitor, integrator resistor, and integrator
capacitor. There is no auto-zero capacitor like that found in
earlier integrating A/D converter designs.
The integrating resistor is selected to be high enough to
assure good current Iinearity from the buffer amplifier and
integrator and low enough that PC board leakage is not a
problem. A value of 150k
Ω should be optimum for most appli-
cations. The integrator capacitor is selected to give an opti-
mum integrator swing at full-scale. A large integrator swing will
reduce the effect of noise sources in the comparator but will
affect rollover error if the swing gets too close to the positive
rail (
≈0.7V). This gives an optimum swing of ≈2.5V at full-
scale. For a 150k
Ω integrating resistor and 2 conversions per
second the value is 0.1
µF. For different conversion rates, the
value will change in inverse proportion. A second requirement
for good linearity is that the capacitor have low dielectric
absorption. Polypropylene caps give good performance at a
reasonable price. Finally the foil side of the cap should be
connected to the integrator output to shield against pickup.
The only requirement for the reference cap is that it be low
leakage. In order to reduce the effects of stray capacitance,
a 1
µF value is recommended.
Clock Oscillator
The ICL7129 achieves its digital range changing by integrat-
ing the input signal for 1000 clock pulses (2,000 oscillator
cycles) on the 2V scale and 10,000 clock pulses on the
200mV scale. To achieve complete rejection of 60Hz on both
scales, an oscillator frequency of 120kHz is required, giving
two conversions per second.
ON SEG.
BP1
BP2
BP3
FIGURE 9. TYPICAL BACKPLANE AND ANNUNCIATOR
DRIVE WAVEFORM
FIGURE 10. MULTIMETER EXAMPLE SHOWING USE OF
ANNUNCIATOR DRIVE OUTPUT
LOW BATTERY CONTINUITY
µ
m
K
M
BACKPLANE
ANNUNCIATOR
AMPS
VOLTS
Ω
BACKPLANE
ANNUNCIATOR
VDISP
ICL7129
DGND
+
-
19
36
23
24
1N4148
5K
75K
39K
200K
ICL7611
V+
V-
VDISP
ICL7129
DGND
19
36
23
24
V+
V-
18K
39K
20K
2N2222
FIGURE 11. TWO METHODS FOR TEMPERATURE COMPENSATING THE LIQUID CRYSTAL DISPLAY
ICL7129



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com