Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7135 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ICL7135
Description  4 1/2 Digit, BCD Output, A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7135 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ICL7135 Datasheet HTML 7Page - Intersil Corporation ICL7135 Datasheet HTML 8Page - Intersil Corporation ICL7135 Datasheet HTML 9Page - Intersil Corporation ICL7135 Datasheet HTML 10Page - Intersil Corporation ICL7135 Datasheet HTML 11Page - Intersil Corporation ICL7135 Datasheet HTML 12Page - Intersil Corporation ICL7135 Datasheet HTML 13Page - Intersil Corporation ICL7135 Datasheet HTML 14Page - Intersil Corporation ICL7135 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
FN3093.3
Typical Integrator Amplifier Output Waveform (INT Pin)
Design Information Summary Sheet
• CLOCK INPUT
The ICL7135 does not have an internal oscillator. It
requires an external clock.
fCLOCK (Typ) = 120kHz
• CLOCK PERIOD
tCLOCK = 1/fCLOCK
• INTEGRATION PERIOD
tINT = 10,000 x tCLOCK
• 60/50Hz REJECTION CRITERION
tINT/t60Hz or tINT/t50Hz = Integer
• OPTIMUM INTEGRATION CURRENT
IINT = 20µA
• FULL-SCALE ANALOG INPUT VOLTAGE
VlNFS (Typ) = 200mV or 2V
• INTEGRATE RESISTOR
• INTEGRATE CAPACITOR
• INTEGRATOR OUTPUT VOLTAGE SWING
•VINT MAXIMUM SWING:
(V- + 0.5) < VINT < (V+ - 0.5V)
VINT Typically = 2.7V
• DISPLAY COUNT
• CONVERSION CYCLE
tCYC = tCL0CK x 40002
when fCLOCK = 120kHz, tCYC = 333ms
• COMMON MODE INPUT VOLTAGE
(V- + 1V) < VlN < (V+ - 0.5V)
• AUTO-ZERO CAPACITOR
0.01
µF < C
AZ < 1µF
• REFERENCE CAPACITOR
0.1
µF < CREF < 1µF
• POWER SUPPLY: DUAL
±5V
V+ = +5V to GND
V- = -5V to GND
• OUTPUT TYPE
4 BCD Nibbles with Polarity and Overrange Bits
There is no internal reference available on the ICL7135. An
external reference is required due to the ICL7135’s 41/2
digit resolution.
R
INT
V
INFS
I
INT
-----------------
=
C
INT
t
INT
() I
INT
()
V
INT
--------------------------------
=
V
INT
t
INT
() I
INT
()
C
INT
--------------------------------
=
COUNT
10 000
,
V
IN
V
REF
-----------------
×
=
AUTO ZERO PHASE
(COUNTS)
30001 - 10001
INTEGRATE
PHASE FIXED
10000 COUNTS
DE-INTEGRATE PHASE
1 - 20001 COUNTS
TOTAL CONVERSION TIME = 40002 x tCLOCK
ICL7135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com