Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-2004-1-4-LP-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-2004-1-4-LP-R
Description  Very Low Profile Side Entry PCB Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-2004-1-4-LP-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-2004-1-4-LP-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
A-2004-1-4-LP-R
Very Low Profile Side Entry PCB Jack
6P6C, 90° w/o Flange, 6—” Gold Plating
Material:
• Housing: PBT Glass Filled (UL 94V-0)
• Soldering Temperature: 235°C
• Color: Black
• Spring Wire: 0.45MM Dia. Phosphor Bronze Gold
Plating over Nickel
• Temperature Range: -40°C ~ +85°C
• Durability: 500 Mating cycles Min.
Electrical:
• Insulation Resistance: 500M
Min.
• Contact Resistance: 20M
Max.
• Rating Current: 1.5A Max.
• Rating Voltage: 120V AC
• Dielectric Voltage: 1,000V RMS 60 Sec. Min.
PCB Layout
(Top View)
18.00
8.89
7.85


Similar Part No. - A-2004-1-4-LP-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-2004-1-4-LP-N-R ASSMANN-A-2004-1-4-LP-N-R Datasheet
271Kb / 1P
MODULAR JACK, LOW PROFILE, 6P6C
A-2004-1-4-LP-SMT-B-R ASSMANN-A-2004-1-4-LP-SMT-B-R Datasheet
62Kb / 1P
Modular Jack - SMT Side by Side Stackable
More results

Similar Description - A-2004-1-4-LP-R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJS44D DUBILIER-DBCRJS44D Datasheet
71Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS88E DUBILIER-DBCRJS88E Datasheet
72Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK (A)
logo
Assmann Electronics Inc...
A-2004-0-4-LP-R ASSMANN-A-2004-0-4-LP-R Datasheet
64Kb / 1P
VERY LOW PROFILE SIDE ENTRY PCB JACK
A-2004-2-4-LP-R ASSMANN-A-2004-2-4-LP-R Datasheet
64Kb / 1P
VERY LOW PROFILE SIDE ENTRY PCB JACK
A-2004-2-4-LP-S-R ASSMANN-A-2004-2-4-LP-S-R Datasheet
232Kb / 1P
VERY LOW PROFILE PCB JACK
A-2004-3-4-LP-R ASSMANN-A-2004-3-4-LP-R Datasheet
64Kb / 1P
VERY LOW PROFILE SIDE ENTRY PCB JACK
logo
Dubilier
DBCRJS66C DUBILIER-DBCRJS66C_11 Datasheet
151Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS44D DUBILIER-DBCRJS44D_11 Datasheet
439Kb / 5P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
logo
Assmann Electronics Inc...
A-2004-3-4-LP ASSMANN-A-2004-3-4-LP Datasheet
64Kb / 1P
Very Low Profile Side Entry PCB Jack
logo
VITALCONN ELECTRONICS H...
JD118103D401 VITALCONN-JD118103D401 Datasheet
126Kb / 1P
10POSITION, FLAT PIN, WITH SHELL, VERY LOW PROFILE, SIDE ENTRY PCB JACK
REV: A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com