Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7663SCBA Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL7663SCBA
Description  CMOS Programmable Micropower Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7663SCBA Datasheet(HTML) 3 Page - Intersil Corporation

  ICL7663SCBA Datasheet HTML 1Page - Intersil Corporation ICL7663SCBA Datasheet HTML 2Page - Intersil Corporation ICL7663SCBA Datasheet HTML 3Page - Intersil Corporation ICL7663SCBA Datasheet HTML 4Page - Intersil Corporation ICL7663SCBA Datasheet HTML 5Page - Intersil Corporation ICL7663SCBA Datasheet HTML 6Page - Intersil Corporation ICL7663SCBA Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
57
Functional Diagram
Input-Output Saturation
Resistance (Note 3)
RSAT
V+IN = 2V, IOUT1 = 1mA
-
170
350
Ω
V+IN = 9V, IOUT1 = 2mA
-
50
100
Ω
V+IN = 15V, IOUT1 = 5mA
-
35
70
Ω
Load Regulation
∆VOUT
∆IOUT
1mA < IOUT2 < 20mA
-
1
3
Ω
50
µA < IOUT1 < 5mA
-
2
10
Ω
Available Output Current
(VOUT2)
IOUT2
3V
≤ VIN ≤ 16V, VIN - VOUT2 = 1.5V
40
-
-
mA
Negative Tempco Output
(Note 4)
VTC
Open Circuit Voltage
-
0.9
-
V
ITC
Maximum Sink Current
0
8
2.0
mA
Temperature Coefficient
∆VTC
∆T
Open Circuit
-
+2.5
-
mV/oC
Minimum Load Current
IL(MIN)
Includes VSET Divider
TA = 25
oC-
-
1.0
µA
0oC < TA < 70
oC-
0.2
5.0
µA
-25oC < TA < 85
oC-
0.2
5.0
µA
NOTES:
3. This parameter refers to the saturation resistance of the MOS pass transistor. The minimum input-output voltage differential at low current (under
5mA), can be determined by multiplying the load current (including set resistor current, but not quiescent current) by this resistance.
4. This output has a positive temperature coefficient. Using it in combination with the inverting input of the regulator at VSET, a negative
coefficient results in the output voltage. See Figure 9 for details. Pin will not source current.
5. All pins are designed to withstand electrostatic discharge (ESD) levels in excess of 2000V.
6. All significant improvements over the industry standard ICL7663 are highlighted.
Electrical Specifications
Specifications Below Applicable to Both ICL7663S and ICL7663SA, Unless Otherwise Specified. V+IN = 9V,
VOUT = 5V, TA = 25
oC, Unless Otherwise Specified. Notes 4, 5. See Test Circuit, Figure 7 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
C
REF
B
A
VOUT1
VOUT2
SENSE
VSET
VTC
SHUTDOWN
GND
3
2
1
6
7
5
4
V+IN
8
GND
ICL7663S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com