Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-2004-2-4-LP-FS-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-2004-2-4-LP-FS-R
Description  Modular Jack, RJ45, 90, Side Entry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-2004-2-4-LP-FS-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-2004-2-4-LP-FS-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.21.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-2004-2-4-LP/FS-N-R
Modular Jack, RJ45, 90°, Side Entry,
Shielded, 6—”, Round Pin, PBT Glass Filled
Complaint
RoHS
rev00
Unit: MM


Similar Part No. - A-2004-2-4-LP-FS-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-2004-2-4-LP-FS-N-R ASSMANN-A-2004-2-4-LP-FS-N-R Datasheet
234Kb / 1P
MODULAR JACK, RJ45
More results

Similar Description - A-2004-2-4-LP-FS-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-2004-0-4-N-R ASSMANN-A-2004-0-4-N-R Datasheet
277Kb / 1P
MODULAR JACK, 6P4C, SIDE ENTRY
A-2014-2S-4-N-R ASSMANN-A-2014-2S-4-N-R Datasheet
57Kb / 1P
MODULAR JACK, RJ45 TOP ENTRY
logo
Tyco Electronics
5520470 MACOM-5520470 Datasheet
92Kb / 1P
MODULAR JACK ASSEMBLY, SIDE ENTRY, 6 POSITION, FLANGELESS
logo
Adam Technologies, Inc.
MTJG-16-88JX1-FSG-PG ADAM-TECH-MTJG-16-88JX1-FSG-PG Datasheet
125Kb / 1P
MODULAR TELEPHONE JACKS GANGED & STACKED SIDE ENTRY JACK
MTJG-16-88JX1-FSG-PG-C5 ADAM-TECH-MTJG-16-88JX1-FSG-PG-C5 Datasheet
122Kb / 1P
MODULAR TELEPHONE JACKS GANGED & STACKED SIDE ENTRY JACK
logo
Pulse A Technitrol Comp...
E5288-3FOB41-L PULSE-E5288-3FOB41-L Datasheet
67Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
E5288-310041-L PULSE-E5288-310041-L Datasheet
75Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
E5288-320044-L PULSE-E5288-320044-L Datasheet
92Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
logo
METZ CONNECT GmbH
AJT33L881X-0X4 METZ-AJT33L881X-0X4 Datasheet
87Kb / 1P
Side entry, shielded, LED, thru hole modular jack
AJT65B881X METZ-AJT65B881X Datasheet
60Kb / 1P
Side entry, shielded, thru hole modular jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com