Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-2004-2-4-LP-N-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-2004-2-4-LP-N-R
Description  Modular Jack PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-2004-2-4-LP-N-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-2004-2-4-LP-N-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
A-2004-2-4-LP-N-R
rev00
Wilson
23.09.13
Modular Jack PCB
8P8C, 90° side entry, 6 ”
Free
Scale
X.XX
X.XXX
X.XXXX
DIM
X.°
X.X°
Angle
TOL
±0.25
±0.13
±0.05
±X°
±X°
Groll
23.09.13
Material:
• PBT Glass Filled (UL 94V-0)
- Soldering temperature: 235°C
• Color: Black
• Spring Wire: 0.45mm Dia. Phosphor Bronze Gold
plating over Nickel
• Shielded: Brass plating Nickel
• Temperature range: -40°C / +85°C
• Durability: 500 Mating cycles min.
Electrical:
• Insulation resistance: 500M
min.
• Conductor resistance: 20m
max.
• Rating current: 1.5A max.
• Dielectric voltage: 1,000V rms 60 Sec. min.
15.00
11.91
8P
18.00
3.00
7.85
8.89
Ø0.90
Ø3.20
11.43
PCB LAYOUT
(Top View)
1.27
1.27
8.89


Similar Part No. - A-2004-2-4-LP-N-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-2004-2-4-LP-FS-N-R ASSMANN-A-2004-2-4-LP-FS-N-R Datasheet
234Kb / 1P
MODULAR JACK, RJ45
A-2004-2-4-LP-FS-R ASSMANN-A-2004-2-4-LP-FS-R Datasheet
215Kb / 1P
Modular Jack, RJ45, 90, Side Entry
A-2004-2-4-LP-R ASSMANN-A-2004-2-4-LP-R Datasheet
64Kb / 1P
VERY LOW PROFILE SIDE ENTRY PCB JACK
A-2004-2-4-LP-S ASSMANN-A-2004-2-4-LP-S Datasheet
169Kb / 1P
Very Low Profile PCB Jack - RJ45
A-2004-2-4-LP-S-R ASSMANN-A-2004-2-4-LP-S-R Datasheet
232Kb / 1P
VERY LOW PROFILE PCB JACK
More results

Similar Description - A-2004-2-4-LP-N-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-2004-2-4-LP ASSMANN-A-2004-2-4-LP Datasheet
51Kb / 1P
Modular Jack PCB
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
Modular jack
logo
Pulse A Technitrol Comp...
E5288-3FOB41-L PULSE-E5288-3FOB41-L Datasheet
67Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
E5288-310041-L PULSE-E5288-310041-L Datasheet
75Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
E5288-320044-L PULSE-E5288-320044-L Datasheet
92Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
logo
CUI INC
CRJ004-ML1-TH CUI-CRJ004-ML1-TH Datasheet
350Kb / 4P
MODULAR JACK
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
MODULAR JACK
CRJ019-1-TH CUI-CRJ019-1-TH Datasheet
286Kb / 3P
MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
MODULAR JACK
logo
CUI Devices
CRJ059-L1-TH CUID-CRJ059-L1-TH Datasheet
350Kb / 3P
MODULAR JACK
08/05/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com