Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3207GR Datasheet(PDF) 14 Page - NEC

Part # UPC3207GR
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3207GR Datasheet(HTML) 14 Page - NEC

Back Button UPC3207GR Datasheet HTML 10Page - NEC UPC3207GR Datasheet HTML 11Page - NEC UPC3207GR Datasheet HTML 12Page - NEC UPC3207GR Datasheet HTML 13Page - NEC UPC3207GR Datasheet HTML 14Page - NEC UPC3207GR Datasheet HTML 15Page - NEC UPC3207GR Datasheet HTML 16Page - NEC UPC3207GR Datasheet HTML 17Page - NEC UPC3207GR Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
µPC3207GR
14
Data Sheet P13717EJ3V0DS00
MEASUREMENT CIRCUIT 5
1 000
pF
1 000
pF
1 000
pF
1 000
pF
1 000
pF
1 000
pF
1 000
pF
VCC(9V)
20
19
18
17
16
15
14
13
12
11
1
2
34
567
8
9
10
1 000
pF
1 000
pF
1 000
pF
1 000
pF
1 000
pF
UB(9V)
OPEN
OPEN
1 000
pF
OPEN
Voltage of 5 pin
VHF
UHF
OPEN
9V
REG
Network
Analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com