Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3207GR-E1 Datasheet(PDF) 3 Page - NEC

Part # UPC3207GR-E1
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3207GR-E1 Datasheet(HTML) 3 Page - NEC

  UPC3207GR-E1 Datasheet HTML 1Page - NEC UPC3207GR-E1 Datasheet HTML 2Page - NEC UPC3207GR-E1 Datasheet HTML 3Page - NEC UPC3207GR-E1 Datasheet HTML 4Page - NEC UPC3207GR-E1 Datasheet HTML 5Page - NEC UPC3207GR-E1 Datasheet HTML 6Page - NEC UPC3207GR-E1 Datasheet HTML 7Page - NEC UPC3207GR-E1 Datasheet HTML 8Page - NEC UPC3207GR-E1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
µPC3207GR
3
Data Sheet P13717EJ3V0DS00
PIN EXPLANATION
Pin No.
Symbol
Function and Explanation
Equivalent Circuit
1
UOSC collector
Collector pin of UHF oscillator with balance
(Tr. 1)
amplifier. Assemble LC resonator with 2
pin through capacitor ~ 1 pF to oscillate
with active feedback loop.
2
UOSC base
Base pin of UHF oscillator with balance
(Tr.2)
amplifier. Connected to LC resonator
3
UOSC base
through feedback capacitor ~ 360 pF.
(Tr. 1)
4
UOSC collector
Collector pin of UHF oscillator with balance
(Tr. 2)
amplifier. Assemble LC resonator with 2
pin through capacitor ~ 1 pF to oscillate
with active feedback loop.
Double balanced oscillator with transistor 1
and transistor 2.
5
UB
Switching pin for VHF or UHF operation.
VHF operation = open
UHF operation = 9.0 V
6
OSC output
UHF and VHF oscillator output pin. In case
of F/S tuner application, connected PLL
symthesizer IC’s input pin.
Grounded through 1.5 k
Ω resistor.
7
GND
GND pin of VHF and UHF oscillator.
8
VOSC base
Base pin of VHF oscillator.
(Tr. 1)
Grounded through capacitor ~ 10 pF.
9
VOSC base
Base pin of VHF oscillator.
(Tr. 2)
Assemble LC resonator with 10 pin to
oscillate with active feedback loop.
10
VOSC collector
Collector pin of VHF oscillator.
(Tr. 1)
Connected to LC resonator through
feedback capacitor ~ 3 pF.
4
2
1
3
6
* External element
1.5 k
9
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com