Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7249IPM Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICM7249IPM
Description  51/2 Digit LCD, Micro-Power Event/Hour Meter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7249IPM Datasheet(HTML) 3 Page - Intersil Corporation

  ICM7249IPM Datasheet HTML 1Page - Intersil Corporation ICM7249IPM Datasheet HTML 2Page - Intersil Corporation ICM7249IPM Datasheet HTML 3Page - Intersil Corporation ICM7249IPM Datasheet HTML 4Page - Intersil Corporation ICM7249IPM Datasheet HTML 5Page - Intersil Corporation ICM7249IPM Datasheet HTML 6Page - Intersil Corporation ICM7249IPM Datasheet HTML 7Page - Intersil Corporation ICM7249IPM Datasheet HTML 8Page - Intersil Corporation ICM7249IPM Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
9-25
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD - VSS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Input Voltage, Pins 43 - 48 (Note 1) . . (VSS - 0.3V) to (VDD + 0.3V)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Due to the SCR structure inherent in junction-isolated CMOS devices. the circuit can be put in a latchup mode it large currents are injected
into device inputs or outputs. For this reason special care should be taken in a system with multiple power supplies to prevent voltages
being applied to inputs or outputs before power is applied. If only inputs are affected, latchup also can be prevented by limiting the current
into the input terminal to less than 1mA.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Temperature = -40oC to 85oC, VDD = 2.5V to 5.5V, VSS = 0V, Unless Otherwise Specified. Typical
Specifications Measured at Temperature = 25oC and VDD = 2.8V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage, VDD
Note 1
2.5
-
5.5
V
Operating Current, IDD
All Inputs = VDD or GND, Note 2
VDD = 2.8V
-
1.0
10.0
µA
VDD = 5.5V
-
4.0
20.0
µA
INPUT CURRENT
C0 - C3, IIN
All Inputs VDD or GND
VDD = 2.8V
Note 3
0.0
-
1
µA
S/S, ISS
0.5
1.5
3.0
µA
DT, IDT
40.0
-
110
µA
INPUT VOLTAGE
C0 - C3, DT, S/S
VIL
-
-
0.3VDD
V
VIH
0.7VDD
--
V
Segment Output Voltage
VOL
IOL = 1µA
-
-
0.8
V
VOH
IOH = 1µAVDD - 0.8
-
-
V
Backplane Output Voltage
VOL
IOL = 10µA
-
-
0.8
V
VOH
IOH = 10µAVDD - 0.8
-
-
V
OSCILLATOR STABILITY
Temperature = 25oC, VDD = 2.5V to 5.5V
-
0.1
-
ppm
Temperature = -40oC to 85oC, VDD = 2.5V to 5.5V
-
5
-
ppm
S/S PULSE WIDTH
High-Pass Filter (Modes 0 - 3), tHP
5
-
10,000
µs
Debounce (Modes 4, 6, 8, 10), tDE
10,000
-
-
µs
Without Debounce (Modes 5, 7, 9, 11), tDE
5-
-
µs
NOTES:
1. Internal reset to 00000 requires a maximum VDD rise time of 1µs. Longer rise times at power-up may cause improper reset.
2. Operating current is measured with the LCD disconnected, and input current ISS and IDT supplied externally.
3. Inputs C0 - C3 are latched internally and draw no DC current after switching. During switching, a 90
µA peak current may be drawn for 10ns.
ICM7249



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com