Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM4853 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM4853
Description  5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4853 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM4853_15 Datasheet HTML 6Page - Analog Devices ADM4853_15 Datasheet HTML 7Page - Analog Devices ADM4853_15 Datasheet HTML 8Page - Analog Devices ADM4853_15 Datasheet HTML 9Page - Analog Devices ADM4853_15 Datasheet HTML 10Page - Analog Devices ADM4853_15 Datasheet HTML 11Page - Analog Devices ADM4853_15 Datasheet HTML 12Page - Analog Devices ADM4853_15 Datasheet HTML 13Page - Analog Devices ADM4853_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM4850/ADM4851/ADM4852/ADM4853/ADM4854/ADM4855/ADM4856/ADM4857
Rev. D | Page 10 of 16
120
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V)
Figure 12. Output Current vs. Driver Output Low Voltage
–10
–30
–50
–70
–90
–110
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V)
Figure 13. Output Current vs. Driver Output High Voltage
450
0
50
100
150
200
250
300
350
400
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
ADM4855
ADM4853
Figure 14. Driver Propagation Delay vs. Temperature
800
700
600
500
400
300
200
100
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
ADM4855
ADM4853
Figure 15. Receiver Propagation Delay vs. Temperature
CH1 1.00VΩBW
CH2 1.00VΩBW
M 400ns
CH3
2.00V
CH3 2.00VΩBW
CH4 5.00VΩ
3
2
4
Figure 16. Driver/Receiver Propagation Delay (ADM4855, 500 kbps)
CH1 2.00VΩBW
CH2 1.00VΩ
M 50.0ns CH1
480mV
CH3 1.00VΩBW
CH4 5.00VΩ
1
2
4
Figure 17. Driver/Receiver Propagation Delay (ADM4857, 4 Mbps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com