Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8690 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM8690
Description  Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8690 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM8690_15 Datasheet HTML 12Page - Analog Devices ADM8690_15 Datasheet HTML 13Page - Analog Devices ADM8690_15 Datasheet HTML 14Page - Analog Devices ADM8690_15 Datasheet HTML 15Page - Analog Devices ADM8690_15 Datasheet HTML 16Page - Analog Devices ADM8690_15 Datasheet HTML 17Page - Analog Devices ADM8690_15 Datasheet HTML 18Page - Analog Devices ADM8690_15 Datasheet HTML 19Page - Analog Devices ADM8690_15 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADM8690/ADM8691/ADM8692/ADM8693/ADM8695
Rev. B | Page 19 of 20
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AC
10.00 (0.3937)
9.80 (0.3858)
16
9
8
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
8°
0°
45°
Figure 37. 16-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-16)
Dimensions shown in millimeters and (inches)
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 38. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADM8690AN
−40°C to +85°C
8-Lead Plastic Dual In-Line Package [PDIP]
N-8
ADM8690ANZ
−40°C to +85°C
8-Lead Plastic Dual In-Line Package [PDIP]
N-8
ADM8690ARN
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM8690ARN-REEL
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM8690ARNZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM8691ANZ
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
ADM8691ARN
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADM8691ARN-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADM8691ARNZ
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADM8691ARW
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM8691ARW-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM8691ARWZ
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM8691ARU
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM8691ARU-REEL
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM8691ARUZ
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM8692ARNZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADM8693AN
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
ADM8693ANZ
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
ADM8693ARN
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADM8693ARN-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADM8693ARNZ
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
ADM8693ARW
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM8693ARW-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM8693ARWZ
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM8693ARU-REEL
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM8693ARUZ
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADM8695ARW
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM8695ARW-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
ADM8695ARWZ
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com