Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF430 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRF430
Description  4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF430 Datasheet(HTML) 4 Page - Intersil Corporation

  IRF430 Datasheet HTML 1Page - Intersil Corporation IRF430 Datasheet HTML 2Page - Intersil Corporation IRF430 Datasheet HTML 3Page - Intersil Corporation IRF430 Datasheet HTML 4Page - Intersil Corporation IRF430 Datasheet HTML 5Page - Intersil Corporation IRF430 Datasheet HTML 6Page - Intersil Corporation IRF430 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs pulse is minimal.
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE
ON RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
100
10
1
1000
1
10
100
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
TC = 25
oC
TJ = MAX RATED
SINGLE PULSE
10
µs
100
µs
1ms
10ms
DC
100ms
OPERATION IN THIS
AREA IS LIMITED
BY rDS(ON)
VDS, DRAIN TO SOURCE VOLTAGE (V)
100
0
300
6
4
3
0
2
1
200
VGS = 4.5V
5
80
µs PULSE TEST
VGS = 4V
VGS = 5V
VGS = 5.5V
VGS = 10V
5
4
3
0
2
24
6
8
010
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
80
µs PULSE TEST
VGS = 4.5V
VGS = 5V
VGS = 5.5V
VGS = 10V
VGS = 4V
5
0
1234
05
VGS, GATE TO SOURCE VOLTAGE (V)
1
2
VDS > ID(ON) x rDS(ON) MAX
80
µs PULSE TEST
DUTY CYCLE
≤ 2%
125oC
25oC
67
3
4
-55oC
ID, DRAIN CURRENT (A)
10
20
025
4
3
1
2
VGS = 20V
VGS = 10V
515
2.2
1.4
0.6
060
-60
TJ, JUNCTION TEMPERATURE (
oC)
ID = 1.5A
1.8
1.0
0.2
-40
-20
20
40
80
100
140
120
VGS = 10V
IRF430



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com