Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN304P-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDN304P-3
Description  P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDN304P-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FDN304P-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDN304P-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDN304P-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDN304P-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel MOSFET
FDN304P (KDN304P)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS=-16V, VGS=0V
-1
μ
A
Gate-Body leakage current
IGSS
VDS=0V, VGS=±8 V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
(Note.1)
-0.4
-1.5
V
VGS=-4.5V, ID=-2.4A
(Note.1)
52
VGS=-2.5V, ID=-2A
(Note.1)
70
VGS=-1.8V, ID=-1.8A
(Note.1)
100
On state drain current
ID(ON)
VGS=-4.5V, VDS=-5V
-10
A
Forward Transconductance
gFS
VDS=-5V, ID=-1.25A
12
S
Input Capacitance
Ciss
1312
Output Capacitance
Coss
240
Reverse Transfer Capacitance
Crss
106
Total Gate Charge
Qg
12
20
Gate Source Charge
Qgs
2
Gate Drain Charge
Qgd
2
Turn-On DelayTime
td(on)
15
27
Turn-On Rise Time
tr
15
27
Turn-Off DelayTime
td(off)
40
64
Turn-Off Fall Time
tf
25
40
Maximum Body-Diode Continuous Current
IS
-0.42
A
Diode Forward Voltage
VSD
IS=-0.42A,VGS=0V
-1.2
V
ns
mΩ
VGS=-4.5V, VDS=-10V, ID=-1A,RG=6Ω
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=-10V, f=1MHz
VGS=-4.5V, VDS=-10V, ID=-2.4A
pF
nC
Note.1: Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2.0%
■
Marking
Marking
304



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com