Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KI005PDFN Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI005PDFN
Description  P-Channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI005PDFN Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KI005PDFN Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI005PDFN Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel MOSFET
KI005PDFN
■
Features
●
VDS (V) =-12V
●
ID =-4.1 A (VGS =-4.5V)
●
RDS(ON) < 45mΩ (VGS =-4.5V)
●
RDS(ON) < 60mΩ (VGS =-2.5V)
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-12
Gate-Source Voltage
VGS
±
12
Continuous Drain Current
ID
-4.1
A
Power Dissipation
PD
1.4
W
Junction Temperature
TJ
150
Junction Storage Temperature Range
Tstg
-55 to 150
V
℃
■
Electrical Characteristics Ta = 25℃
DFN2X2-06L
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-12
V
Zero Gate Voltage Drain Current
IDSS
VDS=-12V, VGS=0V
-1
uA
Gate-Body leakage current
IGSS
VDS=0V, VGS=±12V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-0.45
-1
V
VGS=-4.5V, ID=-4.1A
45
VGS=-2.5V, ID=-3A
60
Diode Forward Voltage
VSD
IS=-1A,VGS=0V
-1.2
V
mΩ
RDS(On)
Static Drain-Source On-Resistance
■
Marking
Marking
05P


Similar Part No. - KI005PDFN

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI005P KEXIN-KI005P Datasheet
357Kb / 1P
P-Channel Enhancement MOSFET
More results

Similar Description - KI005PDFN

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com