Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RL78
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RL78_15 Datasheet HTML 17Page - Renesas Technology Corp RL78_15 Datasheet HTML 18Page - Renesas Technology Corp RL78_15 Datasheet HTML 19Page - Renesas Technology Corp RL78_15 Datasheet HTML 20Page - Renesas Technology Corp RL78_15 Datasheet HTML 21Page - Renesas Technology Corp RL78_15 Datasheet HTML 22Page - Renesas Technology Corp RL78_15 Datasheet HTML 23Page - Renesas Technology Corp RL78_15 Datasheet HTML 24Page - Renesas Technology Corp RL78_15 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 21 of 149
Feb 21, 2014
2.1
Absolute Maximum Ratings
Note 1.
Connect the REGC pin to VSS via a capacitor (0.47 to 1
F). This value regulates the absolute maximum rating of the
REGC pin. Do not use this pin with voltage applied to it.
Note 2.
Connect the UREGC pin to Vss via a capacitor (0.33
F). This value regulates the absolute maximum rating of the UREGC
pin. Do not use this pin with voltage applied to it.
Note 3.
Must be 6.5 V or lower.
Note 4.
Must be 4.6 V or lower.
Note 5.
Do not exceed AVREF(+) + 0.3 V in case of A/D conversion target pin.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
Remark 1. Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
Remark 2.
AVREF (+): + side reference voltage of the A/D converter.
Remark 3.
VSS: Reference voltage
Absolute Maximum Ratings (TA = 25
C)
(1/3)
Parameter
Symbols
Conditions
Ratings
Unit
Supply voltage
VDD
-0.5 to + 6.5
V
UVBUS
-0.5 to + 6.5
V
AVDD
AVDD
VDD
-0.5 to + 4.6
V
REGC pin input voltage
VIREGC
REGC
-0.3 to + 2.8
and -0.3 to VDD + 0.3 Note 1
V
UREGC pin input voltage
VIUREGC
UREGC
-0.3 to UVBUS + 0.3 Note 2
V
Input voltage
VI1
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P46, P50 to P57, P70 to P77, P80 to P83,
P125 to P127, P137, P140 to P143, EXCLK,
EXCLKS, RESET
-0.3 to VDD + 0.3 Note 3
V
VI2
P60, P61 (N-ch open-drain)
-0.3 to + 6.5
V
VI3
UDP, UDM
-0.3 to + 6.5
V
VI4
P150 to P156
-0.3 to AVDD + 0.3 Note 4
V
Output voltage
VO1
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P46, P50 to P57, P60, P61, P70 to P77,
P80 to P83, P125 to P127, P140 to P143
-0.3 to VDD + 0.3 Note 3
V
VO2
P130, P150 to P156
-0.3 to AVDD + 0.3 Note 3
V
VO3
UDP, UDM
-0.3 to + 3.8
V
Analog input voltage
VAI1
ANI16 to ANI21
-0.3 to VDD + 0.3
and AVREF(+) + 0.3 Notes 3, 5
V
VAI2
ANI0 to ANI6
-0.3 to AVDD + 0.3
and AVREF(+) + 0.3 Notes 3, 5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com