Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD110 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRFD110
Description  1A, 100V, 0.600 Ohm, N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD110 Datasheet(HTML) 3 Page - Intersil Corporation

  IRFD110 Datasheet HTML 1Page - Intersil Corporation IRFD110 Datasheet HTML 2Page - Intersil Corporation IRFD110 Datasheet HTML 3Page - Intersil Corporation IRFD110 Datasheet HTML 4Page - Intersil Corporation IRFD110 Datasheet HTML 5Page - Intersil Corporation IRFD110 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-271
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse P-N
Junction Diode
-
-
1.0
A
Pulse Source to Drain Current (Note 4)
ISDM
-
-
8.0
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 1.0A, VGS = 0V (Figure 12)
-
-
2.5
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = 1.0A, dISD/dt = 100A/µs
-
100
-
ns
Reverse Recovery Charge
QRR
TJ = 150
oC, I
SD = 1.0A, dISD/dt = 100A/µs
-
0.2
-
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. VDD = 25V, starting TJ = 25
oC, L = 28.5mH, R
G = 25Ω, peak IAS = 1.0A.
4. Repetitive rating: pulse width limited by maximum junction temperature.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. OUTPUT CHARACTERISTICS
G
D
S
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
TA, AMBIENT TEMPERATURE (
oC)
50
75
100
25
150
1.0
0.8
0.6
0
0.4
0.2
125
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
100
0.1
10
1
0.01
1ms
10ms
100ms
100
µs
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
DC
10
TJ = MAX RATED
0
10203040
1
2
3
4
5
50
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
VGS = 4V
VGS = 5V
VGS = 7V
PULSE DURATION = 80
µs
VGS = 10V
VGS = 8V
VGS = 6V
VGS = 9V
DUTY CYCLE = 0.5% MAX
IRFD110



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com