Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC393C Datasheet(PDF) 1 Page - NEC

Part # UPC393C
Description  LOW POWER DUAL COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC393C Datasheet(HTML) 1 Page - NEC

  UPC393C Datasheet HTML 1Page - NEC UPC393C Datasheet HTML 2Page - NEC UPC393C Datasheet HTML 3Page - NEC UPC393C Datasheet HTML 4Page - NEC UPC393C Datasheet HTML 5Page - NEC UPC393C Datasheet HTML 6Page - NEC UPC393C Datasheet HTML 7Page - NEC UPC393C Datasheet HTML 8Page - NEC UPC393C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1989
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC393
LOW POWER DUAL COMPARATORS
DESCRIPTION
The
µPC393 is a dual comparator which is designed
to operate from a single power supply over a wide range
of voltage. Operation from split power supplies is also
possible and the power supply current drain is very low.
Further advantage, the input common-mode voltage in-
cludes ground, even though operated from a single power
supply voltage.
Document No. G11766EJ3V0DS00 (3rd edition)
(Previous No. IC-1971)
Date Published April 1997 N
Printed in Japan
FEATURES
•
Common-mode input voltage range includes V–
•
Wide supply voltage range
2 V to 32 V (Single)
±1 V to ±16 V (Split)
•
Low supply current
•
Open collector output
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION (Top View)
The mark
shows major revised points.
The information in this document is subject to change without notice.
ORDERING INFORAMTION
Part Number
Package
µPC393C
8-pin plastic DIP (300 mil)
µPC393G2
8-pin plastic SOP (225 mil)
µPC393HA
9-pin plastic slim SIP
100 A
100 A
µ
µ
V+
V–
OUT
Q8
Q7
Q6
Q5
Q2
Q1
Q3
Q4
IN
II
+
–
OUT1
I1
I
N1
I
–
V
1
2
3
4
8
7
6
5
V
OUT2
I
I
+
I2
N2
PC393C, 393G2
1
1
234
5
6
789
–+
1
PC393HA
–
2
+
2
––
µ
µ
+
+


Similar Part No. - UPC393C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC393C RENESAS-UPC393C Datasheet
245Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1989
More results

Similar Description - UPC393C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
LM193W STMICROELECTRONICS-LM193W Datasheet
169Kb / 10P
LOW POWER DUAL VOLTAGE COMPARATORS
May-2004
LM2903H STMICROELECTRONICS-LM2903H Datasheet
86Kb / 5P
LOW POWER DUAL VOLTAGE COMPARATORS
Sep-2003
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
Feb-2006
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2902W STMICROELECTRONICS-LM2902W_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903 STMICROELECTRONICS-LM2903_07 Datasheet
264Kb / 14P
LOW POWER DUAL VOLTAGE COMPARATORS
Feb-2006
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
Low Power Dual Voltage Comparators
Feb-2006
LM193 STMICROELECTRONICS-LM193_08 Datasheet
234Kb / 15P
Low power dual voltage comparators
19-Feb-2008
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
Low power dual voltage comparators
27-Mar-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com