Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD9120 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRFD9120
Description  1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD9120 Datasheet(HTML) 3 Page - Intersil Corporation

  IRFD9120 Datasheet HTML 1Page - Intersil Corporation IRFD9120 Datasheet HTML 2Page - Intersil Corporation IRFD9120 Datasheet HTML 3Page - Intersil Corporation IRFD9120 Datasheet HTML 4Page - Intersil Corporation IRFD9120 Datasheet HTML 5Page - Intersil Corporation IRFD9120 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-47
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET Symbol
Showing the Integral
Reverse P-N Junction
Diode
-
-
-1.0
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
-8.0
A
Source to Drain Diode Voltage (Note 2)
VSD
TC = 25
oC, I
SD = -1.0A, VGS = 0V, (Figure 12)
-
-
-1.5
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = -4.0A, dISD/dt = 100A/µs
-
150
-
ns
Reverse Recovery Charge
QRR
TJ = 150
oC, I
SD = -4.0A, dISD/dt = 100A/µs
-
0.9
-
µC
NOTES:
2. Pulse test: pulse width
≤ 80µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature.
4. VDD = 25V, starting TJ = 25
oC, L = 555mH, R
G = 25Ω, Peak IAS= 1.0A (Figures 14, 15).
G
D
S
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. OUTPUT CHARACTERISTICS
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
0
50
100
TA, AMBIENT TEMPERATURE (
oC)
150
25
75
125
-1.0
-0.8
-0.6
-0.4
-0.2
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
10
100
0.1
10
1
0.01
10
µs
100
µs
1ms
10ms
100ms
DC
SINGLE PULSE
TJ = MAX RATED
TC = 25
oC
OPERATION IN THIS AREA
IS LIMITED BY rDS(ON)
0
-10
-20
-30
-40
-1
-2
-3
-4
-5
-50
VGS = -7V
VGS = -6V
VGS = -5V
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4V
PULSE DURATION = 80
µs
0
VGS = -10V
DUTY CYCLE = 0.5% MAX.
IRFD9120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com