Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC393HA Datasheet(PDF) 8 Page - NEC

Part # UPC393HA
Description  LOW POWER DUAL COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC393HA Datasheet(HTML) 8 Page - NEC

Back Button UPC393HA Datasheet HTML 4Page - NEC UPC393HA Datasheet HTML 5Page - NEC UPC393HA Datasheet HTML 6Page - NEC UPC393HA Datasheet HTML 7Page - NEC UPC393HA Datasheet HTML 8Page - NEC UPC393HA Datasheet HTML 9Page - NEC UPC393HA Datasheet HTML 10Page - NEC UPC393HA Datasheet HTML 11Page - NEC UPC393HA Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
µPC393
8
8 PIN PLASTIC SOP (225 mil)
A
M
C
D
NOTE
Each lead centerline is located within 0.12 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.
85
1
4
M
B
H
I
J
L
N
detail of lead end
ITEM
MILLIMETERS
INCHES
A
B
C
E
F
G
H
I
J
5.37 MAX.
1.27 (T.P.)
1.8 MAX.
1.49
6.5±0.3
0.78 MAX.
0.12
1.1
4.4
M
0.1±0.1
N
0.212 MAX.
0.031 MAX.
0.004±0.004
0.071 MAX.
0.059
0.256±0.012
0.173
0.043
0.005
0.050 (T.P.)
S8GM-50-225B-4
P3
°
3
°
+7
°
D
0.40
0.016
+0.10
–0.05
K
0.15
0.006
+0.10
–0.05
L
0.6±0.2
0.024
0.10
–3
°
+7
°
–3
°
0.004
+0.008
–0.009
+0.004
–0.002
+0.004
–0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com