Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3309ART-2.85-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3309ART-2.85-R7
Description  Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3309ART-2.85-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3309ART-2.85-R7 Datasheet HTML 4Page - Analog Devices ADP3309ART-2.85-R7 Datasheet HTML 5Page - Analog Devices ADP3309ART-2.85-R7 Datasheet HTML 6Page - Analog Devices ADP3309ART-2.85-R7 Datasheet HTML 7Page - Analog Devices ADP3309ART-2.85-R7 Datasheet HTML 8Page - Analog Devices ADP3309ART-2.85-R7 Datasheet HTML 9Page - Analog Devices ADP3309ART-2.85-R7 Datasheet HTML 10Page - Analog Devices ADP3309ART-2.85-R7 Datasheet HTML 11Page - Analog Devices ADP3309ART-2.85-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADP3309
Rev. C | Page 12 of 12
OUTLINE DIMENSIONS
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
5
12
3
4
0.22
0.08
10°
0.50
0.30
0.15 MAX
SEATING
PLANE
1.45 MAX
1.30
1.15
0.90
2.90 BSC
0.60
0.45
0.30
COMPLIANT TO JEDEC STANDARDS MO-178-AA
Figure 26. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Voltage Output
Package Description
Package Option
Branding
ADP3309ART-2.5-RL
−20°C to +85°C
2.5 V
5-Lead SOT-23
RJ-5
LDE
ADP3309ART-2.5-RL7
−20°C to +85°C
2.5 V
5-Lead SOT-23
RJ-5
LDE
ADP3309ARTZ-2.5RL71
−20°C to +85°C
2.5 V
5-Lead SOT-23
RJ-5
LDE#
ADP3309ART-2.7-RL
−20°C to +85°C
2.7 V
5-Lead SOT-23
RJ-5
DNC
ADP3309ART-2.7-RL7
−20°C to +85°C
2.7 V
5-Lead SOT-23
RJ-5
DNC
ADP3309ARTZ-2.7-R71
−20°C to +85°C
2.7 V
5-Lead SOT-23
RJ-5
L1P
ADP3309ART-2.85-R7
−20°C to +85°C
2.85 V
5-Lead SOT-23
RJ-5
DVC
ADP3309ART-2.85-RL
−20°C to +85°C
2.85 V
5-Lead SOT-23
RJ-5
DVC
ADP3309ARTZ-2.85R71
−20°C to +85°C
2.85 V
5-Lead SOT-23
RJ-5
L1R
ADP3309ART-2.9-RL
−20°C to +85°C
2.9 V
5-Lead SOT-23
RJ-5
DWC
ADP3309ART-2.9-RL7
−20°C to +85°C
2.9 V
5-Lead SOT-23
RJ-5
DWC
ADP3309ARTZ-2.9-R71
−20°C to +85°C
2.9 V
5-Lead SOT-23
RJ-5
L1S
ADP3309ART-3-REEL
−20°C to +85°C
3.0 V
5-Lead SOT-23
RJ-5
DPC
ADP3309ART-3-REEL7
−20°C to +85°C
3.0 V
5-Lead SOT-23
RJ-5
DPC
ADP3309ARTZ-3REEL71
−20°C to +85°C
3.0 V
5-Lead SOT-23
RJ-5
DPC#
ADP3309ART-3.3-RL
−20°C to +85°C
3.3 V
5-Lead SOT-23
RJ-5
DRC
ADP3309ART-3.3-RL7
−20°C to +85°C
3.3 V
5-Lead SOT-23
RJ-5
DRC
ADP3309ARTZ-3.3-R71
−20°C to +85°C
3.3 V
5-Lead SOT-23
RJ-5
L1Q
ADP3309ART-3.6-RL
−20°C to +85°C
3.6 V
5-Lead SOT-23
RJ-5
DTC
ADP3309ART-3.6-RL7
−20°C to +85°C
3.6 V
5-Lead SOT-23
RJ-5
DTC
ADP3309ARTZ-3.6-R71
−20°C to +85°C
3.6 V
5-Lead SOT-23
RJ-5
L1T
1 Z = Pb-free part, # denotes lead-free product may be top or bottom marked.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00141-0-12/06(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com