Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3309ARTZ-3.3-R71 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3309ARTZ-3.3-R71
Description  Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3309ARTZ-3.3-R71 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3309ARTZ-3.3-R71 Datasheet HTML 2Page - Analog Devices ADP3309ARTZ-3.3-R71 Datasheet HTML 3Page - Analog Devices ADP3309ARTZ-3.3-R71 Datasheet HTML 4Page - Analog Devices ADP3309ARTZ-3.3-R71 Datasheet HTML 5Page - Analog Devices ADP3309ARTZ-3.3-R71 Datasheet HTML 6Page - Analog Devices ADP3309ARTZ-3.3-R71 Datasheet HTML 7Page - Analog Devices ADP3309ARTZ-3.3-R71 Datasheet HTML 8Page - Analog Devices ADP3309ARTZ-3.3-R71 Datasheet HTML 9Page - Analog Devices ADP3309ARTZ-3.3-R71 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP3309
Rev. C | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
IL = 0mA
IL = 10mA
IL = 50mA
IL = 100mA
VOUT = 3.3V
3.302
3.301
3.300
3.299
3.298
3.297
3.296
3.295
3.3
4
5
6
7
8
9
10
11
12
13
14
INPUT VOLTAGE (V)
Figure 4. Line Regulation: Output Voltage vs. Supply Voltage
0
10
20
30
405060
708090
100
3.302
3.301
3.300
3.299
3.298
3.297
3.296
3.295
VOUT = 3.3V
VIN = 7V
OUTPUT LOAD (mA)
Figure 5. Output Voltage vs. Load Current
1150
900
650
400
150
0
0
1.2
2.4
3.6
4.8
6.0
7.2
8.4
9.6
10.8 12.0
INPUT VOLTAGE (V)
VOUT = 3.3V
IL = 0mA
Figure 6. Quiescent Current vs. Supply Voltage
900
750
600
450
300
150
0
25
50
75
100
IL = 0 TO 100mA
OUTPUT LOAD (mA)
Figure 7. Quiescent Current vs. Load Current
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–45
–25
–5
15
35
55
75
95
115
135
IL = 0mA
IL = 50mA
IL = 100mA
TEMPERATURE (°C)
Figure 8. Output Voltage Variation % vs. Temperature
1250
1000
750
500
250
0
–25
–5
15
35
55
75
95
115
135
IL = 0mA
IL = 100mA
VIN = 7V
TEMPERATURE (°C)
Figure 9. Quiescent Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com