Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSHPLC Datasheet(PDF) 1 Page - Cynergy3 Co

Part # FSHPLC
Description  Flow switch for connection to PLC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

FSHPLC Datasheet(HTML) 1 Page - Cynergy3 Co

  FSHPLC Datasheet HTML 1Page - Cynergy3 Co FSHPLC Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
FSHPLC
Flow switch for connection to PLC
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The FSHPLC
other equipment or process via a PLC.
It could be for controlling a circulating or
centrifugal electric pump that is providing
increased pressure or flow within water
systems with storage tanks.
The FSHPLC switches the output, once the
flow rate through the pipe exceeds 20
l/min.
A flow of less than 20 l/min, whether due
to a lack of supply (e.g. tank empty) or to a
decrease in demand(e.g. tap closing), will
turn the output off again.
can be used to control some
Automatic shut down on flow stop
1”BSP pipe connections
Signal level output for PLC
20 l/min turn on flow rate
Volt free contact for output to PLC
Technical Specification
Screw mount Material
Brass
Enclosure material
Polyamide
Enclosure rating
IP54
Start up flow rate
Q. min
l/min
20
Max Pressure
P max
bar
10
Max Temperature
T max
C
100
Pipe connections
BSP
1”
Electrical Specification
Output
SPNO volt free contact
Max voltage
Vac
<5
Switching Current Max
mA
<1
Standard Parts
On flow rate
FSH10PLC
20 l/min
°
94
22
113
95


Similar Part No. - FSHPLC

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
FSH FLEXTRAL-FSH Datasheet
1Mb / 1P
FSH 100R1 Red Fire Suppression Hose
V04.21
FSH-04M FLEXTRAL-FSH-04M Datasheet
1Mb / 1P
FSH 100R1 Red Fire Suppression Hose
V04.21
FSH-06M FLEXTRAL-FSH-06M Datasheet
1Mb / 1P
FSH 100R1 Red Fire Suppression Hose
V04.21
FSH-08M FLEXTRAL-FSH-08M Datasheet
1Mb / 1P
FSH 100R1 Red Fire Suppression Hose
V04.21
FSH-12M FLEXTRAL-FSH-12M Datasheet
1Mb / 1P
FSH 100R1 Red Fire Suppression Hose
V04.21
More results

Similar Description - FSHPLC

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FSV10AR CYNERGY3-FSV10AR Datasheet
597Kb / 2P
Inline Flow Switch for G1pipe
FSVPLC CYNERGY3-FSVPLC Datasheet
480Kb / 2P
Inline Flow Switch for connection to PLC
logo
PHOENIX CONTACT
PLC-SC-EIK1-SVN24P PHOENIX-PLC-SC-EIK1-SVN24P Datasheet
89Kb / 5P
Connection option for PLC-V8 adapter
2304348 PHOENIX-2304348 Datasheet
48Kb / 3P
For digital modules with 16-pos. MTB for connection to PLC-INTERFACE
2304393 PHOENIX-2304393 Datasheet
48Kb / 3P
For digital modules with 16-pos. MTB for connection to PLC-INTERFACE
2295554 PHOENIX-2295554 Datasheet
208Kb / 6P
System connection - PLC-V8/FLK14/OUT
2296553 PHOENIX-2296553 Datasheet
103Kb / 6P
System connection - PLC-V8/FLK14/IN
2299660 PHOENIX-2299660 Datasheet
84Kb / 5P
System connection - PLC-V8L/FLK14/OUT
2296061 PHOENIX-2296061 Datasheet
438Kb / 11P
System connection - PLC-V8/D15B/OUT
2296087 PHOENIX-2296087 Datasheet
520Kb / 16P
System connection - PLC-V8/D15B/IN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com