Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILS Datasheet(PDF) 2 Page - Cynergy3 Co

Part # ILS
Description  Submersible Level Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

ILS Datasheet(HTML) 2 Page - Cynergy3 Co

  ILS Datasheet HTML 1Page - Cynergy3 Co ILS Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Electrical Protection
Supply reverse polarity protection
No damage/no function
Lightning protection
Internally fitted
Electromagnetic compatibility
CE Compliant
Mechanical Stability
Shock
100g / 11ms
Vibration
10g RMS (20 - 2000Hz)
Temperature & Thermal Effects
Media temperature
-20ºC (Non-freezing) to +60ºC
Storage temperature
-20ºC to +70ºC
Compensated temperature range
20ºC±25ºC
Thermal zero shift (TZS)
<±0.02%/FS/ºC
Thermal span shift (TSS)
<±0.01%/ºC
Material Specifications
Housing
316L Stainless Steel
“O” ring seals
Viton
Diaphragm
316L Stainless Steel
Cable sheath material
PUR
Media wetted parts
Housing, “O” ring seal, diaphragm &
cable sheath
Miscellaneous
Weight
Transmitter: approx 250g
Cable: 48g per metre
Current consumption
Limits at 28mA
Installation position
Any, small zero shift when tilted through 90º
Operational life
> 100x 10 cycles
6
ILS series
Submersible Level Transmitter
Mechanical Dimensions
Boot
Nose cone
25mm dia
150mm Nominal
PUR sheathed vented cable
Part No
Pressure Range
Cable Length Output
ILS-G0100-003 0-1mWG (0-39"WG)
3M
4-20mA
ILS-G0250-005 0-2.5mWG (0-98"WG)
5M
4-20mA
ILS-G0500-007 0-5mWG (0-197"WG)
7M
4-20mA
ILS-G1000-015 0-10mWG (0-394"WG)
15M
4-20mA
ILS-G2000-025 0-20mWG (0-788"WG)
25M
4-20mA
ILS-G5000-060 0-50mWG (0-1970"WG) 60M
4-20mA
ILS-G1002-110 0-100mWG (0-3940"WG) 110M
4-20mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com