Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS Datasheet(PDF) 2 Page - Cynergy3 Co

Part # IPS
Description  Industrial Pressure Transducer - Ceramic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPS Datasheet(HTML) 2 Page - Cynergy3 Co

  IPS Datasheet HTML 1Page - Cynergy3 Co IPS Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IPS Series
Industrial Pressure Sensor - Ceramic
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
ISO
9001 CERTIFIED
Mechanical Dimensions
P 7 cable entry gland
g
Ø 24mm
11.8mm
18mm AF Hex
1/4” BSP male thread
4 pin DIN 43650 connector
Part Number
Pressure Rating Output
IPS-G1000-3
0 - 1 Bar G
0 - 100mV
IPS-G1000-5
0 - 1 Bar G
4 - 20mA
IPS-G1000-6
0 - 1 Bar G
0 - 5V
IPS-G6000-3
0 - 6 Bar G
0 - 100mV
IPS-G6000-5
0 - 6 Bar G
4 - 20mA
IPS-G6000-6
0 - 6 Bar G
0 - 5V
IPS-GM1P9-5
-1 to +9 Bar G
4 - 20mA
IPS-GM1P9-6
-1 to +9 Bar G
0 - 5V
IPS-G1002-3
0 - 10 Bar G
0 - 100mV
IPS-G1002-5
0 - 10 Bar G
4 - 20mA
IPS-G1002-6
0 - 10 Bar G
0 - 5V
IPS-G1602-3
0 - 16 Bar G
0 - 100mV
IPS-G1602-5
0 - 16 bar G
4-20mA
IPS-G1602-6
0 - 16 bar G
0-5V
IPS-C0184-5
-1 to +24 Bar G 4 - 20mA
IPS-C0184-6
-1 to +24 Bar G 0 - 5V
IPS-G2502-3
0 - 25 Bar G
0 - 100mV
IPS-G2502-5
0 - 25 Bar G
4 - 20mA
IPS-G2502-6
0 - 25 Bar G
0 - 5V
IPS-G4002-3
0 - 40 Bar G
0 - 100mV
IPS-G4002-5
0 - 40 Bar G
4 - 20mA
IPS-G4002-6
0 - 40 Bar G
0 - 5V
IPS-G1003-3
0 - 100 Bar G
0 - 100mV
IPS-G1003-5
0 - 100 Bar G
4 - 20mA
IPS-G1003-6
0 - 100 Bar G
0 - 5V
IPS-G2503-3
0 - 250 Bar G
0 - 100mV
IPS-G2503-5
0 - 250 Bar G
4 - 20mA
IPS-G2503-6
0 - 250 Bar G
0 - 5V
IPS-G4003-3
0 - 400 Bar G
0 - 100mV
IPS-G4003-5
0 - 400 Bar G
4 - 20mA
IPS-G4003-6
0 - 400 Bar G
0 - 5V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com