Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPSL Datasheet(PDF) 2 Page - Cynergy3 Co

Part # IPSL
Description  Low Range Industrial Pressure Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPSL Datasheet(HTML) 2 Page - Cynergy3 Co

  IPSL Datasheet HTML 1Page - Cynergy3 Co IPSL Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Pressure Ranges and Passive mV/V Outputs
Nominal Pressure, Gauge,
mbar
50
100
250
500
750
1000
Nominal Pressure, Absolute mbar
500
750
1000
Permissible Overpressure
mbar
2 bar
2 bar
2 bar
5 bar
5 bar
5 bar
Output Signals and Supply Voltages
DIN 43650
Wire system Output
Supply Volts
Connection
Pin No.
2-wire
4-20mA
9-32Vdc
+ve Supply
Pin 1
-ve Supply
Pin 2
Ground
Earth pin
3-wire
0.5 - 4.5Vdc (
9-32 Vdc
+ve Supply
Pin 1
non-ratiometric)
-ve Supply
Pin 2
+ve Output
Pin 3
Ground
Earth Pin
IPSL series
Low Range Industrial Pressure Sensor
Part No
Pressure Range
Output
IPSL-G0050-5
0 - 50mbar G
4-20mA
IPSL-G0100-5
0 - 100mbar G
4-20mA
IPSL-G0250-5
0 - 250mbar G
4-20mA
IPSL-G0500-5
0 - 500mbar G
4-20mA
IPSL-G0750-5
0 - 750mbar G
4-20mA
IPSL-G1000-5
0 - 1000mbar G
4-20mA
IPSL-G0050-D
0 - 50mbar G
0.5 to 4.5V 3Wire
IPSL-G0100-D
0 - 100mbar G
0.5 to 4.5V 3Wire
IPSL-G0250-D
0 - 250mbar G
0.5 to 4.5V 3Wire
IPSL-G0500-D
0 - 500mbar G
0.5 to 4.5V 3Wire
IPSL-G0750-D
0 - 750mbar G
0.5 to 4.5V 3Wire
IPSL-G1000-D
0 - 1000mbar G
0.5 to 4.5V 3Wire
IPSL-A0500-5
0 - 500mbar Abs 4-20mA
IPSL-A0750-5
0 - 750mbar Abs 4-20mA
IPSL-A1000-5
0 - 1000mbar Abs 4-20mA
1/4” BSP Male
Ip65



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com