Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLF Datasheet(PDF) 1 Page - Cynergy3 Co

Part # LLF
Description  Vertical Fast Lift Float switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

LLF Datasheet(HTML) 1 Page - Cynergy3 Co

  LLF Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
LLF Series
Vertical Fast Lift Float switches
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The LLF series of vertical float switches
have been developed for applications
where very low liquid levels need to be
detected.
The LLF uses a large diameter Buna float
to allow operation in SG as low as 0.45.
The switch is capable of operating in as
low as 6mm of water.
Two standard lengths are available with
either make on rise or make on fall
switching action.
Typical uses include drip tanks, hatch
alarms and other applications where
highly sensitive liquid detection is
required.
Vertical mount M12 or M16
Will operate in low SG (0.45)
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
Operates in 10mm minimum liquid
50mm & 200mm length versions
Many variants are UL recognised
components File No. E171218
Technical Specification
Material
LLF59
LLF69
Stem
Nylon
PPS
Float
Buna
Buna
Temp. Range
C
-20 / +75
F
-4 ./ +167
Min. Fluid SG
0.45
Must close level (SG=1)
10mm
Must open level (SG=1)
12mm
Electrical Specification
Contact Form
N/O (N/C)
Switching Power Max
VA
25
Switching Voltage AC Max
V
240
Switching Voltage DC Max
V
120
Switching Current Max
A
0.6
All ratings are for resistive load only.
Standard Parts
Material
Approvals
Switch Action
Leadouts
Gasket
LLF59Y100JC
Nylon/Buna
UL
Make on rise 100cm 2 core PVC 7/0.2
Nitrile
LLF59Y100JC004
Nylon/Buna
UL
Make on fall 100cm 2 core PVC 7/0.2
Nitrile
LLF69A198
PPS/Buna
UL
Make on rise 100cm 2 core PVC 7/0.2
Nitrile
LLF69B198
PPS/Buna
UL
Make on fall 100cm 2 core PVC 7/0.2
Nitrile
°
°
Mechanical Dimensions (mm)
LLF59
LLF69


Similar Part No. - LLF

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LLF-3 RICHCO-LLF-3 Datasheet
313Kb / 1P
LEG LEVELING FOOT
logo
LinkCom Manufacturing C...
LLF0097-50 LINKCOM-LLF0097-50 Datasheet
216Kb / 3P
Signal Chokes for Data and Telecom Applications
logo
Schneider Electric
LLF36400U31XRD12 SCHNEIDER-LLF36400U31XRD12 Datasheet
115Kb / 2P
Circuit breaker, PowerPact L, Micrologic 3.3, 400A, 3 poles, 600 V, 50 kA, 80% rated, rotary handle
Sep 25, 2020
LLF37060D33 SCHNEIDER-LLF37060D33 Datasheet
64Kb / 2P
Circuit breaker, PowerPact L, adjustable magnetic trip, 600A, 3 poles, 500 VDC, 50 kA
Sep 25, 2020
logo
Cynergy3 Co
LLF40 CYNERGY3-LLF40 Datasheet
109Kb / 2P
Compact Internal Fitting, Low Level, Low S.G. Float Switch
More results

Similar Description - LLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR03-L05M-PVC ETC1-LR03-L05M-PVC Datasheet
76Kb / 3P
FLOAT SWITCHES
logo
Cynergy3 Co
EXT025M12PP CYNERGY3-EXT025M12PP Datasheet
297Kb / 1P
extension tubes for float switches
logo
Magnetrol International...
B24-1B10-JEG MAGNETROL-B24-1B10-JEG Datasheet
499Kb / 36P
External Cage Float Actuated Liquid Level Switches
C29-1B2D-JDE MAGNETROL-C29-1B2D-JDE Datasheet
251Kb / 8P
Flanged External Cage Float Actuated Liquid Level Switches
C29-1N30-JDG MAGNETROL-C29-1N30-JDG Datasheet
309Kb / 24P
Float Actuated Liquid Level Switches
logo
Cynergy3 Co
LLF69B198 CYNERGY3-LLF69B198 Datasheet
5Mb / 1P
Vertical Fast Lift Floatswitches
logo
List of Unclassifed Man...
A806LP ETC2-A806LP Datasheet
597Kb / 2P
Lift-Off-Cover, Type 12
logo
Cynergy3 Co
CW1 CYNERGY3-CW1 Datasheet
299Kb / 1P
Counterweight for use on cable suspended float switches.
logo
Morse Mfg. Co., Inc.
400 MORSE-400 Datasheet
861Kb / 3P
Hydra-Lift Karriers
Aug, 2023
500 MORSE-500 Datasheet
900Kb / 3P
Vertical-Lift Drum Pourers
11 Aug, 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com