Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSH66TU Datasheet(PDF) 1 Page - Cynergy3 Co

Part # SSH66TU
Description  Short Switch for internal or external mounting via 1/2NPT thread
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SSH66TU Datasheet(HTML) 1 Page - Cynergy3 Co

  SSH66TU Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2011 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
SSH66TU series
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The SSH66TU series are horizontal float
switches, with short floats, which offer the
choice of internal or external fixing
1/2”NPT threads.
The float is manufactured from High Grade
316 stainless steel and the stem is
manufactured from 304 stainless steel.
The switch action may be reversed by
mounting the device with the float able to
move upwards away from the body, instead
of the more normal downwards direction.
Mechanical Dimensions
Operating temperature to 120°C
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
RSF40
Compact internal tting side
mounting oatswitch
Internal or External mount
Stainless steel SUS304/316
Short float version
N/O or N/C switching action
T
echnical Specification
Mounting style
Internal/External
Cable length - standard
100cm
Mounting thread
1/2”NPT
Cable size
17/0.10 - AWG22
Float & Stem material
316/304grade SS
Cable conductor material
Tinned copper
Maximum Temperature
120 C
Cable sheath material
XLPE
Maximum pressure
10 bar
Cable temperature rating
125 C
Float SG
0.7
Sealing gasket
Not applicable
Minimum fluid SG
0.75
Tightening torque for fixing nut 2.0kg/cm
Electrical Specification
Contact Form
N/O (N/C)
Switching Power Max
VA
1
Switching Voltage AC Max V
24
Switching Voltage DC Max V
24
Switching Current Max
A
0.1
All ratings are for resistive load only.
Standard Parts
Material
Max Power
Leadouts
Gasket
SSH66TU12N100S
316/304 SS
1VA
100cm XLPE
N/A
°
°
Short Switch for internal or external mounting via
1/2”NPT thread.
30
102
29
Lead wire 1 metre
ON
15º
1/2"NPT
Hex 22
16
16
8
8
Ø17


Similar Part No. - SSH66TU

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SSH66TE CYNERGY3-SSH66TE Datasheet
921Kb / 1P
Short Switch for 3/4NPT External Fitting
More results

Similar Description - SSH66TU

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SSF215 CYNERGY3-SSF215 Datasheet
1Mb / 1P
Long reach external mount float switch via 1/2NPT
SSH66XU CYNERGY3-SSH66XU Datasheet
474Kb / 1P
Compact Switch for internal or external mounting via 1/2NPT thread
SSF217 CYNERGY3-SSF217 Datasheet
54Kb / 1P
Compact external fitting float switch via BSP thread
SSH66TE CYNERGY3-SSH66TE Datasheet
921Kb / 1P
Short Switch for 3/4NPT External Fitting
logo
List of Unclassifed Man...
ANT-916-JJB-RA ETC2-ANT-916-JJB-RA Datasheet
196Kb / 1P
Good for internal or external mounting
logo
Total Power Internation...
TPAC301 TOTAL-POWER-TPAC301 Datasheet
505Kb / 2P
INTERNAL OR-ING DIODES FOR N1 REDUNDANCY
logo
Cynergy3 Co
SSF214 CYNERGY3-SSF214 Datasheet
1Mb / 1P
Compact internal mount via BSP thread
logo
RAF ELECTRONIC HARDWARE
M6041-3005-A RAF-M6041-3005-A Datasheet
111Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Maxim Integrated Produc...
MAX11300PMB1 MAXIM-MAX11300PMB1 Datasheet
14Mb / 9P
Internal or External Reference for ADC and DAC
Rev 2; 6/14
logo
Linx Technologies
ANT-2.4-JJB LINX-ANT-2.4-JJB Datasheet
422Kb / 2P
Good for internal or external mounting
4/11/16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com