Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK-400203-005-R Datasheet(PDF) 2 Page - Assmann Electronics Inc.

Part # AK-400203-005-R
Description  SATA Slot Bracket cable, L-type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-400203-005-R Datasheet(HTML) 2 Page - Assmann Electronics Inc.

  AK-400203-005-R Datasheet HTML 1Page - Assmann Electronics Inc. AK-400203-005-R Datasheet HTML 2Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 Datasheet - Page 1
SATA Slot Bracket cable, 2x SATA 7pin, L-type/M - 2x SATA 7pin, L-type/F
4016032299851
AK-400203-005-R
SATA Slot Bracket cable, L-type
M/F, 0.5m, 2 port, straight, SATA II/III, UL, re
Save and Reliable Connection
This SATA slot bracket cable, to the installation in a standard PC case slot, enables to lead two internal SATA ports of the
controller outwardly.
l
 Connector 1: SATA (7pin) connector, L-type
l
 Connector 2: SATA (7pin) connector, L-type
l
 Version: SATA Revision 2
l
 Style: Flat cable
l
 UL certified: UL21149
l
 Data rate: 6 Gbit/s
l
 Hoods: molded
l
 Shielding: Unshielded
l
 AWG: 26
l
 Wire material: CU
l
 Color cable: red
l
 Color connector: black
l
 Length: 0.5 m
l
 Packaging: Polybag
 Datasheet - Page 2
SATA Slot Bracket cable, 2x SATA 7pin, L-type/M - 2x SATA 7pin, L-type/F
4016032299851
AK-400203-
005-R
Country of origin: China
Logistics
Number
(pcs)
Weight
(kg)
Depth
(cm)
Width
(cm)
Height
(cm)
cm
³
Packaging Unit Carton
150
10,80
38,00
31,00
36,00
42408,00
Packaging Unit Inside
10
0,72
6,00
15,00
22,00
1980,00
Packaging Unit Single
1
0,07
1,50
13,00
20,00
390,00
Net single without Packaging
1
0,00
0,00
0,00
0,00
0,00
www.assmann.com
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com