Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK-ESATA-SB1-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK-ESATA-SB1-R
Description  Slotbracket with External Serial ATA(eSATA)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-ESATA-SB1-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK-ESATA-SB1-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.29.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK-ESATA-SB1-R
Slotbracket with External Serial ATA(eSATA)
Single connector
Complaint
RoHS
rev00
500MM±20MM
150MM
Label
50MM
Material:
• Cable: UL2725 [26AWG(1/0.404)*2+D(1/0.32)*2+AL]*2F
- OD 2.2*7.8MM
- Jacket Red (200C/RD-16#)
• P1 Connector: eSATA 7P/M Solder Type
- Pin G/F
- Insulator Black Metal
- Shell Plate Nickel
• P2 Connector: Serial ATA Female 7Pin
- Pin G/F
- Crimp type connector
- Insulator Black
• Screw: M3.0*10MM (M3.0 screwcap)
Electrical:
• 100% Open Short & Miswire Test
• Hi-Pat Test 300V DC


Similar Part No. - AK-ESATA-SB1-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-ESATA-SB2-R ASSMANN-AK-ESATA-SB2-R Datasheet
132Kb / 1P
Slotbracket with External Serial ATA(eSATA)
More results

Similar Description - AK-ESATA-SB1-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687820002 MOLEX8-0687820002 Datasheet
119Kb / 2P
External Serial ATA-to-External Serial ATA Cable Assembly, Straight Overmold, 2.0m(6.56 ) Cable Length
0687820001 MOLEX8-0687820001 Datasheet
182Kb / 3P
External Serial ATA-to-External Serial ATA Cable Assembly, Straight Overmold, 1.0m (3.28 ) Cable Length
1051321001 MOLEX11-1051321001 Datasheet
150Kb / 3P
Combo External Serial ATA and USB Receptacles
logo
Assmann Electronics Inc...
AK-ESATA-075-R ASSMANN-AK-ESATA-075-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
AK-ESATA-100-R ASSMANN-AK-ESATA-100-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
AK-ESATA-150-R ASSMANN-AK-ESATA-150-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
AK-ESATA-SATA100-R ASSMANN-AK-ESATA-SATA100-R Datasheet
104Kb / 1P
External SATA (eSATA)
AK-ESATA-SATA150-R ASSMANN-AK-ESATA-SATA150-R Datasheet
104Kb / 1P
External SATA (eSATA)
AK-ESATA-SB2-R ASSMANN-AK-ESATA-SB2-R Datasheet
132Kb / 1P
Slotbracket with External Serial ATA(eSATA)
logo
Adam Technologies, Inc.
SATA-A-PL-SMT-K ADAM-TECH-SATA-A-PL-SMT-K Datasheet
121Kb / 1P
SERIAL ATA CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com