Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4618 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4618
Description  NPN Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4618 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4618_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4618_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC4618
0.05A , 40V
NPN Silicon General Purpose Transistor
24-Feb-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
High Voltage and Current.
High DC Current Gain.
Complementary to 2SC4738.
Application
General Purpose Amplification.
CLASSIFICATION OF hFE
Product-Rank
2SC4618-N
2SC4618-P
2SC4618-Q
Range
56~120
82~180
120~270
Marking
AN
AP
AQ
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-523
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS
(TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
25
V
Emitter to Base Voltage
VEBO
5
V
Collector Current
IC
50
mA
Collector Power Dissipation
PC
150
mW
Thermal Resistance From Junction to Ambient
R
θ
JA
833
°C / W
Junction & Storage Temperature
TJ, TSTG
150, -55 ~ 150
℃
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
40
-
-
V
IC=50
μA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
25
-
-
V
IC=1
mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
5
-
-
V
IE=50
μA, IC=0
Collector cut-off current
ICBO
-
-
0.5
μA
VCB=24V, IE=0
Emitter cut-off current
IEBO
-
-
0.5
μA
VEB= 3V, IC=0
DC current gain
hFE
56
-
270
VCE=6V, IC=1mA
Collector-emitter saturation voltage *
VCE(sat)
-
-
0.3
V
IC=10mA, IB=1mA
Transition frequency
fT
150
-
-
MHz
VCE=6V, IC=1mA, f=100MHz
Collector output capacitance
Cob
-
-
2.2
pF
VCB=6V, IE=0, f=1MHz
SOT-523
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.75
0.85
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.25
M
0.25
0.325


Similar Part No. - 2SC4618_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4618 KEXIN-2SC4618_15 Datasheet
1Mb / 2P
NPN Transistors
More results

Similar Description - 2SC4618_15

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com